Electronic Components Datasheet Search
  English  ▼

X  

TFS167 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS167
Description  Filter Specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS167 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS167 Datasheet HTML 1Page - Vectron International, Inc TFS167 Datasheet HTML 2Page - Vectron International, Inc TFS167 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
tfs167.doc
Version 1.2
01/99
______________________________________________________________________________________________________
VI TELEFILTER
Filter Specification
TFS 167 - Page 1 /3
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0 dBm
Terminating impedances:
Input
680
Ω ║ -1 pF.
Output
680
Ω ║ -1 pF.
Construction and pin connection
see page 2
Stability characteristics and packing
see page 3
Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 167 is the pass band attenuation at the nominal frequency fN. The
minimum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 167,025 MHz
without tolerance or limit. The values of relative attenuation arel are guaranteed in the whole operating temperature range. The
frequency shift of the filter in the operating temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
______________________________________________________________________________________________________
Insertion loss
ae
-max. 5
dB
(Reference level)
______________________________________________________________________________________________________
Nominal frequency
fN
-
167,025 MHz
______________________________________________________________________________________________________
3 dB band width
BW
95
kHz
-
______________________________________________________________________________________________________
Pass band ripple
fN ±
20 kHz
-
max 1
dB
______________________________________________________________________________________________________
Relative attenuation
arel
fN
± 225 kHz
-
min 50
dB
fN
- 910 kHz
-
min 50
dB
______________________________________________________________________________________________________
Temperature coefficient of frequency
TCf *)
- 0,036 ppm/K²
-
______________________________________________________________________________________________________
Frequency inversion temperature
To
+ 25
°C
-
______________________________________________________________________________________________________
Operating temperature range
- 20 °C ... + 70 °C
______________________________________________________________________________________________________
*)
∆f(Hz) = TCf(ppm/K²) x (∆T)² x fTo(MHz)
generated:
checked / approved:


Similar Part No. - TFS167

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS167D VECTRON-TFS167D Datasheet
197Kb / 5P
Filter Specification
TFS167E VECTRON-TFS167E Datasheet
97Kb / 5P
Filter Specification
TFS167F VECTRON-TFS167F Datasheet
156Kb / 5P
Filter specification
TFS167G VECTRON-TFS167G Datasheet
126Kb / 5P
Filter specification
TFS167H VECTRON-TFS167H Datasheet
216Kb / 5P
Filter specification
More results

Similar Description - TFS167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com