Electronic Components Datasheet Search
  English  ▼

X  

TFS167D Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS167D
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS167D Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS167D Datasheet HTML 1Page - Vectron International, Inc TFS167D Datasheet HTML 2Page - Vectron International, Inc TFS167D Datasheet HTML 3Page - Vectron International, Inc TFS167D Datasheet HTML 4Page - Vectron International, Inc TFS167D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TFS167D.doc
version 1.1
27.03.02
VI TELEFILTER
Filter Specification
TFS 167D
3/5
VI TELEFILTER
Vectron International, Inc.
Stability Characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: twice max.;
for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel:
DIN IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
2000
Reel of empty components at start:
min 300 mm
Reel of empty components at start including leader:
min 500 mm
Trailer
min 300 mm
Ta p e ( a ll dim e n s io ns in m m )
W
:
3 2
± 0 ,3
P o
:
4
± 0 ,1
D o
:
1 ,5
+ 0 ,5
E
:
1 ,7 5 ± 0 ,1
S 0
:
2 8 ,4 ± 0 ,1
P 2
:
2
± 0 ,1
P 1
:
1 2
± 0 ,1
D 1 ( m in) :
2
A o
:
7 ,1
± 0 ,1
B o
:
1 9 .6
± 0 ,1
K o
:
2 ,0
± 0 ,1
t
:
0 ,3 5
± 0 ,0 5
C t
:
2 5 ,5
± 0 ,1
P1
Do
Po
P2
Ao
D1
SPEC-Gurt 0061/ 19X6,5
Q09016:02.001
Jul.10,01
pull off direction
view direction
X
X
t
Ko
X-X
Reel (all dimensions in mm):
A
:
330
W1
:
32,4 +2
W2 (max) :
38,4
N (min)
:
100
C
:
13 +0,5/-0,2
A
C
N
W 1
W 2
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
The marking of the filters is able to read if the view is directed on the upper side of the carrier tape in the above shown direction.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com