Electronic Components Datasheet Search
  English  ▼

X  

TFS167F Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS167F
Description  Filter specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS167F Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS167F Datasheet HTML 1Page - Vectron International, Inc TFS167F Datasheet HTML 2Page - Vectron International, Inc TFS167F Datasheet HTML 3Page - Vectron International, Inc TFS167F Datasheet HTML 4Page - Vectron International, Inc TFS167F Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 167f.doc
Version 2.0
29.10.2004
VI TELEFILTER
Filter specification
TFS 167F
1/5
Tele Filter GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
Measurement condition
Ambient temperature:
23
C
Input power level:
0 dBm
Terminating impedances at fc *: input:
869
-8,5 pF
output:
1058
-5,9 pF
Characteristics
Remark:
Reference level for the relative attenuationarel of the TFS 167F is the minimum of the pass band attenuation amin. The maximum of the pass band
attenuation is defined as the insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 2 dB filter
attenuation level relative to the insertion loss ae. The nominal frequencyfN is fixed at 167 MHz without tolerance. The given values for the relative
attenuation arel and for the group delay ripple have to be reached at the frequencies given below even if the centre frequency fc is shifted due to the
temperature coefficient of frequency TCf in the operating temperature range and due to a production tolerance for the centre frequency fc.
D a t a
typ. Value
Limit
Insertion loss
ae
5,8
dB
max.
7
dB
Nominal frequency
fN
-
167
MHz
Passband
PB
-
fN ± 75
kHz
Amplitude variation in PB
p-p
0,7
dB
max.
1,5 dB
Amplitude ripple in PB
p-p
0,05 dB
max.
1
dB
Relative Attenuation
arel
fN ±
0,2 MHz ...fN ±
0,4
MHz
3,5
dB
min.
2
dB
fN ±
0,4 MHz ...fN ±
0,6
MHz
25
dB
min.
17
dB
fN ±
0,6 MHz ...fN ±
0,8
MHz
43
dB
min.
36
dB
fN ±
0,8 MHz ...fN ±
1,6
MHz
45
dB
min.
41
dB
fN ±
1,6 MHz ...fN ± 20
MHz
47
dB
min.
41
dB
fN - 137
MHz ...fN -
20
MHz
73
dB
min.
67
dB
fN + 20
MHz ...fN + 103
MHz
73
dB
min.
67
dB
fN +103
MHz ...fN + 105
MHz
67
dB
min.
60
dB
fN +105
MHz ...fN +1
GHz
75
dB
min.
67
dB
Group delay variation in PB
200
ns
max. 400
ns
Group delay in PB
2,4
µs
max.
2,6 µs
Input return loss in PB
20
dB
min.
15
dB
Output return loss in PB
18
dB
min.
10
dB
Input Power Level
-
max.
22
dBm**)
Temperature coefficient of frequency Tcf
- 0,036 ppm/K
2
-
Frequency inversion temperature T0
35
°C
-
Operating temperature range
-
- 5 °C .. +
85
°C
Storage temperature range
-
- 40 °C.. +
90
°C
Intermodulation ratio
120
dB
min. 100
dB
input signals at 167 + 0,8 MHz and 167 + 1,6 MHz or at 167 - 0,8 MHz and 167 - 1,6 MHz, each at -20 dBm
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as reference
values only. Should there be additional questions do not hesitate to ask for an application note or contact our design team.
**) This power level is only allowed for short term operation (1% of the life time), the max. input power for continuous operation is max.15dBm only
generated:
checked / approved:
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS167F

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS167 VECTRON-TFS167 Datasheet
44Kb / 3P
Filter Specification
TFS167D VECTRON-TFS167D Datasheet
197Kb / 5P
Filter Specification
TFS167E VECTRON-TFS167E Datasheet
97Kb / 5P
Filter Specification
TFS167G VECTRON-TFS167G Datasheet
126Kb / 5P
Filter specification
TFS167H VECTRON-TFS167H Datasheet
216Kb / 5P
Filter specification
More results

Similar Description - TFS167F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TFS836C ETC2-TFS836C Datasheet
190Kb / 5P
Filter specification
TFS1575G ETC2-TFS1575G Datasheet
166Kb / 5P
Filter specification
TFS70AV ETC2-TFS70AV Datasheet
175Kb / 5P
Filter specification
logo
Vectron International, ...
TFS37B VECTRON-TFS37B Datasheet
149Kb / 5P
Filter specification
TFS70BB VECTRON-TFS70BB Datasheet
149Kb / 5P
Filter specification
TFS70BT VECTRON-TFS70BT Datasheet
87Kb / 5P
Filter specification
TFS87F VECTRON-TFS87F Datasheet
84Kb / 5P
Filter specification
TFS92G VECTRON-TFS92G Datasheet
86Kb / 5P
Filter specification
TFS96C VECTRON-TFS96C Datasheet
111Kb / 5P
Filter specification
TFS104 VECTRON-TFS104 Datasheet
106Kb / 5P
Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com