Electronic Components Datasheet Search
  English  ▼

X  

LR01 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR01
Description  Non-contact radar for measuring distance, level and volume of liquids and pastes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR01 Datasheet(HTML) 1 Page - Schneider Electric

  LR01 Datasheet HTML 1Page - Schneider Electric LR01 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Non-contact radar for measuring
distance, level and volume of liquids
and pastes
LR01
Main
Range of Product
Level
Product or Component Type
Level transmitter
[Us] rated supply voltage
12...36 V DC
Probe type
Rod
Cable
Double rod
Double cable
Coaxial
Complementary
Housing material
Aluminium
316L stainless steel
Communication port protocol
HART, 4...20 mA
Profibus PA
FOUNDATION fieldbus
Display Type
LCD display
Measurement accuracy
+/- 3 mm
Measurement range
0...40 m liquid
0...20 m solid
0...130 ft liquid
0...65 ft solid
Pressure Rating
0.00…580.15 psi (0…40 bar)
0…580 psi (0.00…3998.96 kPa)
Type of measurement
Radar L-band frequency 1 GHz
Connector type
DIN
ASME
JIS
ISO
ASME
Environment
Ambient air temperature for
operation
-76…572 °F (-60…300 °C)
-58…572 °F (-50…300 °C)
Standards
EN/IEC 61508 level SIL2
NACE MR01-75
NACE MR01-03
IP Degree of Protection
IP66
IP67
NEMA Degree of Protection
NEMA 4X
NEMA 6P
NEMA 6
 
Apr 26, 2022
1


Similar Part No. - LR01

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
LR014 VBSEMI-LR014 Datasheet
1,004Kb / 8P
N-Channel 60 V (D-S) MOSFET
LR014N VBSEMI-LR014N Datasheet
1,004Kb / 8P
N-Channel 60 V (D-S) MOSFET
logo
American Accurate Compo...
LR01R001FM AAC-LR01R001FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
LR01R001GM AAC-LR01R001GM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
LR01R001JM AAC-LR01R001JM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
More results

Similar Description - LR01

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
300-R010-45L MAGNETROL-300-R010-45L Datasheet
223Kb / 12P
Echotel짰 Model 300/301 Ultrasonic Non-Contact Transmitter For Level, Volume, and Open Channel Flow
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
355-500A-10R MAGNETROL-355-500A-10R Datasheet
907Kb / 60P
Two-Wire Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
logo
Schneider Electric
LG01 SCHNEIDER-LG01 Datasheet
89Kb / 2P
Guided wave radar (TDR) for measuring distance, level, volume and mass
Apr 26, 2022
LR54 SCHNEIDER-LR54 Datasheet
81Kb / 2P
Non-contact radar level transmitter for liquids in basic process applications
Apr 26, 2022
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
LR75 SCHNEIDER-LR75 Datasheet
86Kb / 2P
Non-contact radar level transmitter for liquids in narrow tanks w. internal obstructions
Apr 26, 2022
logo
Endress+Hauser Group Se...
TI00440F EH-TI00440F Datasheet
2Mb / 28P
Ultrasonic Level Measurement Compact transmitters for non-contact level measurement of fluids, pastes and coarse bulk materials
TI01266F EH-TI01266F Datasheet
1Mb / 44P
Level measurement for liquids
2020-08-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com