Electronic Components Datasheet Search
  English  ▼

X  

MAX17543 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17543
Description  4.5V??2V, 2.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17543 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17543_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX17543_V01 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
(VIN = VEN/UVLO = 24V, VPGND = VSGND = 0V, CVIN = CVCC = 2.2µF, CBST = 0.1µF, CSS = 5600pF, RT = MODE = open, TA = -40°C to
+125°C, unless otherwise noted. Typical values are at TA = +25°C. All voltages are referenced to GND, unless otherwise noted.)
Typical Operating Characteristics (continued)
5V OUTPUT, OVERLOAD PROTECTION,
FIGURE 4a CIRCUIT
MAX17543 toc30
IOUT
1A/div
VOUT
500mV/div
20ms/div
5V OUTPUT, 2.5A LOAD CURRENT
BODE PLOT, FIGURE 4a CIRCUIT
FREQUENCY (Hz)
10k
-30
-20
-10
0
10
20
30
40
50
-40
-60
-40
-20
0
20
40
60
80
100
-80
1k
2
4 6 8 1
2
4 6 8 1
2
100k
MAX17543 toc32
CROSSOVER
FREQUENCY = 58.2kHz
PHASE MARGIN = 63.4°
GAIN
PHASE
-50
-100
MAX17543, 5V OUTPUT, 2.5A LOAD CURRENT
,
FIGURE 4a CIRCUIT, CONDUCTED EMI CURVE
0.15
1
10
30
AVERAGE
EMISSIONS
PEAK
EMISSIONS
FREQUENCY (MHz)
10
20
30
40
50
60
70
QUASI-PEAK LIMIT
AVERAGE LIMIT
5V OUTPUT, APPLICATION OF
EXTERNAL CLOCK AT 700kHz,
FIGURE 4a CIRCUIT
MAX17543 toc31
VSYNC
2V/div
VLX
10V/div
2µs/div
MODE = SGND
5V OUTPUT, 2.5A LOAD CURRENT
BODE PLOT, FIGURE 4b CIRCUIT
FREQUENCY (Hz)
10k
-30
-20
-10
0
10
20
30
40
50
-40
-60
-40
-20
0
20
40
60
80
100
-80
1k
2
4 6 8 1
2
4 6 8 1
2
100k
MAX17543 toc33
CROSSOVER
FREQUENCY = 62.5kHz
PHASE MARGIN = 61.2°
GAIN
PHASE
60
120
Measured on the MAX17543EVKITB with input filter – CIN = 4.7µF,
LIN = 10µH, the input capacitor for the MAX17543: 4.7µF.
Maxim Integrated │ 9
www.maximintegrated.com
MAX17543
4.5V–42V, 2.5A, High-Efficiency,
Synchronous Step-Down DC-DC Converter
with Internal Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com