Electronic Components Datasheet Search
  English  ▼

X  

TFS171 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS171
Description  Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS171 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS171 Datasheet HTML 1Page - Vectron International, Inc TFS171 Datasheet HTML 2Page - Vectron International, Inc TFS171 Datasheet HTML 3Page - Vectron International, Inc TFS171 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
tfs170_1.doc
version 2.2
01/99
______________________________________________________________________________________________________
VI TELEFILTER
Specification
TFS 170/1 - 1/4
______________________________________________________________________________________________________
______________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Measurement condition
Construction and pin configuration
Packing
Ambient temperature:
23
°C
see sheet 2
see sheet 3
Input power level:
0 dBm
Characteristics
Agreement:
Reference level for the relative attenuation arel of the TFS 170 is the minimum of the attenuation amin. The minimum of the
attenuation amin is defined as insertion loss ae. Reference frequency fc is the mean value of the frequencies with a relative
attenuation of 3 dB.
D a t a
typ. value
tolerance / limit
_________________________________________________________________________________________________________
Insertion loss
ae = amin
5,5
dB
max 8
dB
(
Reference level)
_________________________________________________________________________________________________________
Reference frequency
fc
170,0
MHz
± 10
kHz
_________________________________________________________________________________________________________
3 dB - band width
BW
188,0
kHz
3 dB-BW for fc
169,992 MHz ... 170,010 MHz
188,0
kHz
max ± 5
kHz
3 dB-BW for fc
<169,992 MHz
188,0
kHz
max ± 3
kHz
3 dB-BW for fc
<169,991 MHz
188,0
kHz
max ± 1
kHz
_________________________________________________________________________________________________________
Relative attenuation
arel
fc ± 200 kHz ... fc ± 400 kHz
-
min 19
dB
fc ± 400 kHz ... fc ± 600 kHz
-
min 40
dB
fc + 600 kHz ... fc +1060 kHz
-
min 45
dB
fc +1060 kHz ... fc +1360 kHz
-
min 40
dB
fc +1360 kHz ... fc + 20 MHz
-
min 45
dB
fc - 600 kHz ... fc - 20 MHz
-
min 45
dB
_________________________________________________________________________________________________________
Group delay
GD
4,5
µs
-
Group delay distortion
GDD
fc ± 65 kHz
-
max 1,0
µs
fc ± 70 kHz
-
max 1,1
µs
_________________________________________________________________________________________________________
Termination impedance at input
393
Ω // - 6,6 pF
-
Termination impedance at output
467
Ω // - 5,5 pF
-
Coupling coil
94
nH
-
_________________________________________________________________________________________________________
Temperature coefficient of frequency
TCf *)
- 0,032 ppm/K² *)
-
_________________________________________________________________________________________________________
Frequency inversion temperature
To
+ 40
°C-
_________________________________________________________________________________________________________
Operating temperature range
- 20 °C ... + 85 °C
_________________________________________________________________________________________________________
Storage temperature range
- 45 °C ... + 85 °C
_________________________________________________________________________________________________________
*)
∆f(Hz) = TCf(ppm/K²) x (T - To)² x fTo(MHz)
generated:
checked / approved:


Similar Part No. - TFS171

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS171A VECTRON-TFS171A Datasheet
235Kb / 5P
Filter Specification
More results

Similar Description - TFS171

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL10A226MQ8NRNE SAMSUNG-CL10A226MQ8NRNE Datasheet
140Kb / 2P
SPECIFICATION
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
SPECIFICATION
CL05A475MP5NRNC SAMSUNG-CL05A475MP5NRNC Datasheet
169Kb / 2P
SPECIFICATION
CL05C100JB5NNNC SAMSUNG-CL05C100JB5NNNC Datasheet
82Kb / 2P
SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
SPECIFICATION
CL31A226KQHNNNE SAMSUNG-CL31A226KQHNNNE Datasheet
80Kb / 2P
SPECIFICATION
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
SPECIFICATION ELECTRICAL SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com