Electronic Components Datasheet Search
  English  ▼

X  

LR65 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR65
Description  Non-contact radar level transmitter for powders and dusty atmospheres
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR65 Datasheet(HTML) 1 Page - Schneider Electric

  LR65 Datasheet HTML 1Page - Schneider Electric LR65 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Non-contact radar level transmitter
for powders and dusty atmospheres
LR65
Main
Range of Product
Level
Product or Component Type
Buoyancy transmitter
[Us] rated supply voltage
12...30 V DC
16...36 V DC
Antenna type
PEEK lens
Complementary
Housing material
Aluminium
316L stainless steel
Communication port protocol
HART, 4...20 mA
Display Type
LCD display
Measurement accuracy
+/- 2 mm
Measurement range
0...100 m
0...328 ft
Pressure Rating
0.00…580.15 psi (0…40 bar)
0…580 psi (0.00…3998.96 kPa)
Type of measurement
Radar W-band frequency 80 GHz
Connector type
DIN
ASME
JIS
ISO
ASME
Environment
Ambient air temperature for
operation
-58…392 °F (-50…200 °C)
-58…392 °F (-50…200 °C)
Standards
EN/IEC 61508 level SIL2
NACE MR01-75
NACE MR01-03
IP Degree of Protection
IP66
IP68
NEMA Degree of Protection
NEMA 4X
NEMA 6P
NEMA 6
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
 
Apr 26, 2022
1


Similar Part No. - LR65

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR650Z SEOUL-LR650Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR651 SEOUL-LR651 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR651 SEOUL-LR651 Datasheet
360Kb / 13P
CYAN LAMP LED
LR651 SEOUL-LR651 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR651 SEOUL-LR651 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR65

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
335-AA10-G5P MAGNETROL-335-AA10-G5P Datasheet
845Kb / 44P
Non-Contact Ultrasonic Transmitter For Level, Volume, and Open Channel Flow Measurement
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
GuidedWave Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
logo
Schneider Electric
LR01 SCHNEIDER-LR01 Datasheet
78Kb / 2P
Non-contact radar for measuring distance, level and volume of liquids and pastes
Apr 26, 2022
LR54 SCHNEIDER-LR54 Datasheet
81Kb / 2P
Non-contact radar level transmitter for liquids in basic process applications
Apr 26, 2022
LR64 SCHNEIDER-LR64 Datasheet
82Kb / 2P
Non-contact radar level transmitter for solids from granulates to rocks
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
LR75 SCHNEIDER-LR75 Datasheet
86Kb / 2P
Non-contact radar level transmitter for liquids in narrow tanks w. internal obstructions
Apr 26, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com