Electronic Components Datasheet Search
  English  ▼

X  

LR75 Datasheet(PDF) 1 Page - Schneider Electric

Part # LR75
Description  Non-contact radar level transmitter for liquids in narrow tanks w. internal obstructions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LR75 Datasheet(HTML) 1 Page - Schneider Electric

  LR75 Datasheet HTML 1Page - Schneider Electric LR75 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Specifications
Non-contact radar level transmitter
for liquids in narrow tanks w. internal
obstructions
LR75
Main
Range of Product
Level
Product or Component Type
Level transmitter
[Us] rated supply voltage
12...30 V DC
16...36 V DC
Antenna type
PEEK lens
Complementary
Housing material
Aluminium
316L stainless steel
Communication port protocol
HART, 4...20 mA
Display Type
LCD display
Measurement accuracy
+/- 2 mm
Measurement range
0...100 m
0...328 ft
Type of measurement
Radar W-band frequency 80 GHz
Connector type
DIN
ASME
JIS
ISO
ASME
Environment
Ambient air temperature for
operation
-58…392 °F (-50…200 °C)
-58…392 °F (-50…200 °C)
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which is
known to the State of California to cause cancer and birth defects or other reproductive harm. For more
information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
 
Apr 26, 2022
1


Similar Part No. - LR75

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LR750Z SEOUL-LR750Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LR751 SEOUL-LR751 Datasheet
376Kb / 14P
INFRARED LAMP LED
LR751 SEOUL-LR751 Datasheet
360Kb / 13P
CYAN LAMP LED
LR751 SEOUL-LR751 Datasheet
392Kb / 14P
RED OVAL LAMP LED
LR751 SEOUL-LR751 Datasheet
392Kb / 14P
RED OVAL LAMP LED
More results

Similar Description - LR75

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
704-5010-130 MAGNETROL-704-5010-130 Datasheet
1Mb / 36P
GuidedWave Radar Level Transmitter
705-5100-121 MAGNETROL-705-5100-121 Datasheet
1Mb / 56P
GuidedWave Radar Level Transmitter
R82-510A-012 MAGNETROL-R82-510A-012 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
R95-510A-130 MAGNETROL-R95-510A-130 Datasheet
1Mb / 48P
Pulse Burst Radar Level Transmitter
logo
Schneider Electric
LR01 SCHNEIDER-LR01 Datasheet
78Kb / 2P
Non-contact radar for measuring distance, level and volume of liquids and pastes
Apr 26, 2022
LR54 SCHNEIDER-LR54 Datasheet
81Kb / 2P
Non-contact radar level transmitter for liquids in basic process applications
Apr 26, 2022
LR64 SCHNEIDER-LR64 Datasheet
82Kb / 2P
Non-contact radar level transmitter for solids from granulates to rocks
Apr 26, 2022
LR65 SCHNEIDER-LR65 Datasheet
91Kb / 2P
Non-contact radar level transmitter for powders and dusty atmospheres
Apr 26, 2022
LR74 SCHNEIDER-LR74 Datasheet
79Kb / 2P
Non-contact radar level transmitter for agitated and corrosive liquids
Apr 26, 2022
logo
Endress+Hauser Group Se...
TI01266F EH-TI01266F Datasheet
1Mb / 44P
Level measurement for liquids
2020-08-17
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com