Electronic Components Datasheet Search
  English  ▼

X  

TFS403 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS403
Description  Filter Specification
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS403 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS403 Datasheet HTML 1Page - Vectron International, Inc TFS403 Datasheet HTML 2Page - Vectron International, Inc TFS403 Datasheet HTML 3Page - Vectron International, Inc TFS403 Datasheet HTML 4Page - Vectron International, Inc TFS403 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tfs403.doc
version 1.4
25.11.2002
VI TELEFILTER
Filter Specification
TFS 403
2/5
VI TELEFILTER
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
tft@telefilter.com
Construction and Pin Connection
(All dimensions in mm)
S 403
P48
Date code
3
1
5
7
5.0 SQ
+0.15
-0.1
Pin 1
Input
Pin 5 Output
Pin 2
Input RF Return
Pin 6 Output RF Return
Pin 3
Ground
Pin 7 Ground
Pin 4,8 Package Ground
date code:
year + week
M
2000
N
2001
P
2002
...
50
matching circuit:
L3
Output
50 Ohm
L4
Input
50 Ohm
SAW
1
5
2,3,4,6,7,8
L1
L2
E-Mail:
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com