Electronic Components Datasheet Search
  English  ▼

X  

HMISAC Datasheet(PDF) 1 Page - Schneider Electric

Part # HMISAC
Description  Controller, Harmony SCU, Rear Module panel, Dig 16 inputs/10 outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

HMISAC Datasheet(HTML) 1 Page - Schneider Electric

  HMISAC Datasheet HTML 1Page - Schneider Electric HMISAC Datasheet HTML 2Page - Schneider Electric HMISAC Datasheet HTML 3Page - Schneider Electric HMISAC Datasheet HTML 4Page - Schneider Electric HMISAC Datasheet HTML 5Page - Schneider Electric HMISAC Datasheet HTML 6Page - Schneider Electric HMISAC Datasheet HTML 7Page - Schneider Electric HMISAC Datasheet HTML 8Page - Schneider Electric HMISAC Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Product data sheet
Specifications
Controller, Harmony SCU, Rear
Module panel, Dig 16 inputs/10
outputs
HMISAC
Product availability : Stock - Normally stocked in distribution
facility
Price* : 742.52 USD
Main
Range of Product
Harmony SCU
Product or Component Type
Controller
Device presentation
Basic element
Complementary
Supply
External source
[Us] rated supply voltage
24 V 20.4…28.8 V)DC
Immunity to microbreaks
10 ms
Inrush current
30 A
Power consumption in W
15 W
Local signalling
No indicator
Number of pages
Limited by internal memory capacity
Software Designation
SoMachine
Operating System
Harmony
Processor name
CPU RISC
Processor frequency
333 MHz
Memory description
Flash NAND, 128 MB
Internal data storage FRAM, 128 kB
Application run DRAM, 128 MB
Integrated connection type
1 serial link - RJ45 - RS232/RS485 <= 115.2 kbits/s)
1 Ethernet TCP/IP - RJ45
1 USB 2.0 type mini B
1 USB 2.0 type A
CANopen master bus - SUB-D 9
Realtime clock
Built-in
Downloadable protocols
Modbus
Modbus TCP/IP
CANopen
Fixing mode
By 1 nut Ø 22 mm 1...6 mm thick panel
Enclosure Material
PC/PBT
Shock resistance
147 m/s² 11 ms on DIN rail)IEC 60068-2-27
294 m/s² 6 ms on panel mounting)IEC 60068-2-27
Vibration resistance
+/- 3.5 mm 5…9 Hz) IEC 60068-2-6
1 gn 9…150 Hz) IEC 60068-2-6
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 2, 2022
1


Similar Part No. - HMISAC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
HMIS5T SCHNEIDER-HMIS5T Datasheet
91Kb / 1P
STU Rear Module - dark grey - width 118 mm - depth 40.1 mm
Aug 19, 2020
HMIS65 SCHNEIDER-HMIS65 Datasheet
112Kb / 5P
Small touchscreen display HMI, Harmony SCU, 3in5 front module Backlight LED Color TFT LCD
May 2, 2022
HMIS65W SCHNEIDER-HMIS65W Datasheet
97Kb / 2P
Small touchscreen display HMI, Harmony SCU, 3in5 front module color TFT LCD without Schneider logo
May 2, 2022
HMIS85 SCHNEIDER-HMIS85 Datasheet
73Kb / 2P
5in7 small touchscreen display front module Backlight LED Color TFT LCD
Aug 19, 2020
HMIS85W SCHNEIDER-HMIS85W Datasheet
75Kb / 2P
Small touchscreen display HMI, Harmony SCU, 5in7 front module color TFT LCD without Schneider logo
Jul 21, 2021
More results

Similar Description - HMISAC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
logo
Schneider Electric
TM3DI16 SCHNEIDER-TM3DI16 Datasheet
150Kb / 5P
module TM3 - 16 inputs
Aug 11, 2019
HMISCU6B5 SCHNEIDER-HMISCU6B5 Datasheet
252Kb / 9P
3?? color touch controller panel - Dig 8 inputs/8 outputs Ana 4 In/2 Out
Aug 15, 2019
HMISCU8A5 SCHNEIDER-HMISCU8A5 Datasheet
211Kb / 9P
5?? color touch controller panel - Dig 16 inputs/10 outputs
Aug 15, 2019
HMISCU8B5 SCHNEIDER-HMISCU8B5 Datasheet
225Kb / 9P
5?? color touch controller panel - Dig 8 inputs/8 outputs Ana 4 In/2 Out
Aug 15, 2019
HMISCU6A5 SCHNEIDER-HMISCU6A5 Datasheet
245Kb / 9P
3?? color touch controller panel - Dig 16 inputs/10 outputs
Aug 10, 2019
HMIZSDIO SCHNEIDER-HMIZSDIO Datasheet
73Kb / 1P
Terminal blocks for panel SCU
Aug 17, 2019
TM221C16R SCHNEIDER-TM221C16R Datasheet
282Kb / 17P
Modicon M221, Logic controller, 16 inputs/outputs, 7 relay outputs, 100??40 V AC
Mar 23, 2022
TM221C16R SCHNEIDER-TM221C16R_V01 Datasheet
279Kb / 17P
Modicon M221, Logic controller, 16 inputs/outputs, 7 relay outputs, 100??40 V AC
Apr 4, 2022
HMISBC SCHNEIDER-HMISBC Datasheet
234Kb / 12P
Controller, Harmony SCU, Rear Module panel, Dig 8 inputs/8 outputs Ana 4 In/2 Out
May 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com