Electronic Components Datasheet Search
  English  ▼

X  

SIP32467 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32467
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32467 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32467 Datasheet HTML 1Page - Vishay Siliconix SIP32467 Datasheet HTML 2Page - Vishay Siliconix SIP32467 Datasheet HTML 3Page - Vishay Siliconix SIP32467 Datasheet HTML 4Page - Vishay Siliconix SIP32467 Datasheet HTML 5Page - Vishay Siliconix SIP32467 Datasheet HTML 6Page - Vishay Siliconix SIP32467 Datasheet HTML 7Page - Vishay Siliconix SIP32467 Datasheet HTML 8Page - Vishay Siliconix SIP32467 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SiP32467, SiP32468
www.vishay.com
Vishay Siliconix
S20-0532-Rev. C, 06-Jul-2020
1
Document Number: 67757
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 m
, Slew Rate Controlled Load Switch in WCSP
DESCRIPTION
The SiP32467 and SiP32468 are slew rate controlled
integrated high side load switches that operate in the input
voltage range from 1.2 V to 5.5 V.
This series of design features slew rate control, reverse
blocking when switch is off, output discharge, and control
logic pull up. The devices are logic low enabled.
The SiP32467 and SiP32468 are available in compact
wafer level WCSP package, WCSP4 0.76 mm x 0.76 mm
with 0.4 mm pitch.
FEATURES
• Low input voltage, 1.2 V to 5.5 V
•Low Ron, 54 m/typ. at 3 V
• Slew rate control
• Compatible with 1.2 V to 3.3 V logic
• Reverse current blocking when switch is off
• Integrated output discharge switch (SiP32468)
• Integrated pull up resistor at “EN”
• For enable “high” see SiP32460, SiP32461, and SiP32462
• 4-bump WCSP package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Smart phones
• GPS and portable media players
• Tablet computers
• Medical and healthcare equipment
• Industrial and instrumentation
• Game consoles
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Typical Application Circuit
Available
ORDERING INFORMATION
PART NUMBER
PACKAGE
ton
(μs)
RDISCHARGE
MARK CODE
TEMPERATURE RANGE
SiP32467DB-T2-GE1
WCSP4 (2 x 2), 0.4 mm pitch
300
No
AJ
-40 °C to +85 °C
SiP32468DB-T2-GE1
WCSP4 (2 x 2), 0.4 mm pitch
300
Yes
AK
-40 °C to +85 °C
SiP32467, SiP32468
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
CIN
COUT


Similar Part No. - SIP32467

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SiP32467DB-T2-GE1 VISHAY-SiP32467DB-T2-GE1 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
More results

Similar Description - SIP32467

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32461 VISHAY-SIP32461 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32462 VISHAY-SIP32462 Datasheet
632Kb / 15P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com