Electronic Components Datasheet Search
  English  ▼

X  

SIP41109 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP41109
Description  Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41109 Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP41109 Datasheet HTML 1Page - Vishay Siliconix SIP41109 Datasheet HTML 2Page - Vishay Siliconix SIP41109 Datasheet HTML 3Page - Vishay Siliconix SIP41109 Datasheet HTML 4Page - Vishay Siliconix SIP41109 Datasheet HTML 5Page - Vishay Siliconix SIP41109 Datasheet HTML 6Page - Vishay Siliconix SIP41109 Datasheet HTML 7Page - Vishay Siliconix SIP41109 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 73023
S09-1453-Rev. B, 03-Aug-09
www.vishay.com
3
Vishay Siliconix
SiP41109, SiP41110
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing and are measured at VCC = 12 V unless otherwise
noted.
SPECIFICATIONSa
Parameter
Symbol
Test Conditions Unless Specified
VCC = 12 V, VBOOT - VPHASE = 8 V
TA = - 40 °C to 85 °C
Limits
Unit
Min.a
Typ.b
Max.a
MOSFET Drivers
High-Side Drive Currentc
IPKH(source)
VBOOT - VPHASE = 8 V
0.8
A
IPKH(sink)
1.0
Low-Side Drive Currentc
IPKL(source)
VPVCC = 8 V
SiP41110
0.9
IPKL(sink)
1.2
IPKL(source)
VPVCC = 12 V
SiP41109
1.4
IPKL(sink)
1.8
High-Side Driver Impedance
RDH(source)
VBOOT - VPHASE = 8 V, PHASE = GND
2.3
4.2
Ω
RDH(sink)
1.9
3.5
Low-Side Driver Impedance
RDL(source)
VPVCC = 8 V
SiP41110
2.9
5.2
RDL(sink)
1.3
2.4
RDL(source)
VPVCC = 12 V
SiP41109
2.4
4.3
RDL(sink)
1.2
2.2
High-Side Rise Time
trH
10 % - 90 %, VBOOT - VPHASE = 8 V, CLOAD = 3 nF
45
ns
High-Side Fall Time
tfH
35
High-Side Rise Time Bypass
10 % - 90 %, VBOOT - VPHASE = 12 V, CLOAD = 3 nF
45
High-Side Fall Time Bypass
35
High-Side Propagation Delayc
td(off)H
See Timing Waveforms
15
td(on)H
15
Low-Side Rise Time
trL
10 % to 90 %, VBOOT - VPHASE = 8 V
CLOAD = 3 nF
SiP41110
40
10 % to 90 %, VBOOT - VPHASE = 12 V
CLOAD = 3 nF
SiP41109
40
Low-Side Fall Time
tfL
10 % to 90 %, VBOOT - VPHASE = 8 V
CLOAD = 3 nF
SiP41110
30
10 % to 90 %, VBOOT - VPHASE = 12 V
CLOAD = 3 nF
SiP41109
30
Low-Side Propagation Delay
td(off)L
See Timing Waveforms
15
td(on)L
15
PHASE Timer
PHASE Falling Timeoutc
tPHASE
380
ns
PVCC Regulator
Output Voltage
PVCC
7.6
8
8.4
V
Output Current
IPVCC
80
100
mA
Current Limit
ILIM
VDRV = 0 V
120
200
280
Line Regulation
LNR
VCC = 10.8 V to 13.2 V
0.05
0.5
%/V
Load Regulation
LDR
5 mA to 80 mA
0.1
1.0
%
PVCC Regulator UVLO
PVCC Rising
VUVLO2
6.7
7.2
V
PVCC Falling
6.4
6.9
Hysteresis
Hyst
100
300
500
mV
High-Side Undervoltage Lockout
Threshold
VUVHS
Rising or falling
2.5
3.35
4.0
V
VCC Undervoltage Lockout
Threshold
VUVLO1
5.0
5.3
5.6
V
Power on Reset Time
POR
2.5
ms
Thermal Shutdown
Temperature
TSD
Temperature rising
165
°C
Hysteresis
TH
Temperature ralling
25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com