Electronic Components Datasheet Search
  English  ▼

X  

MAX15050 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15050
Description  High-Efficiency, 4A, 1MHz, Step-Down Regulators with Integrated Switches in 2mm x 2mm Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15050 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15050 Datasheet HTML 1Page - Maxim Integrated Products MAX15050 Datasheet HTML 2Page - Maxim Integrated Products MAX15050 Datasheet HTML 3Page - Maxim Integrated Products MAX15050 Datasheet HTML 4Page - Maxim Integrated Products MAX15050 Datasheet HTML 5Page - Maxim Integrated Products MAX15050 Datasheet HTML 6Page - Maxim Integrated Products MAX15050 Datasheet HTML 7Page - Maxim Integrated Products MAX15050 Datasheet HTML 8Page - Maxim Integrated Products MAX15050 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
High-Efficiency, 4A, 1MHz, Step-Down Regulators
with Integrated Switches in 2mm x 2mm Package
4
_______________________________________________________________________________________
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EN Input Logic-High Threshold
(Rising)
1.5
V
EN Input Current
VEN = 0 or 5V
0.01
1
µA
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
+165
°C
Thermal-Shutdown Hysteresis
20
°C
POWER-GOOD (PWRGD)
VFB falling, VREFIN/SS = 0.6V
87
90
93
Power-Good Threshold Voltage
VFB rising, VREFIN/SS = 0.6V
92.5
% of
VREFIN/SS
Power-Good Edge Deglitch
VFB falling or rising
48
Clock
cycles
PWRGD Output-Voltage Low
IPWRGD = 4mA
0.03
0.15
V
PWRGD Leakage Current
VPWRGD = 5V, VFB = 0.9V, VREFIN/SS = 0.6V
0.1
1
µA
OVERCURRENT LIMIT (HICCUP MODE)
Current-Limit Startup Blanking
112
Clock
cycles
Autoretry Restart Time
896
Clock
cycles
FB Hiccup Threshold
VFB falling
70
% of
VREFIN/SS
Hiccup Threshold Blanking Time
VFB falling
36
µs
Note 4: Specifications are 100% production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by
design and characterization.
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 5V, CVDD = 2.2µF, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.) (Note 4)
Typical Operating Characteristics
(VIN = 5V, output voltage = 1.8V, ILOAD = 4A, and TA = +25°C, circuit of Figure 1, unless otherwise noted.)
EFFICIENCY vs. LOAD CURRENT
(VIN = 5V) (MAX15050)
LOAD CURRENT (A)
1
0.1
50
60
70
80
90
100
40
0.01
10
VOUT = 1.2V
VOUT = 3.3V
VOUT = 1.8V
VOUT = 2.5V
40
60
50
80
70
90
100
0.1
1
10
EFFICIENCY vs. LOAD CURRENT
VIN = 5V (MAX15051)
LOAD CURRENT (A)
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
EFFICIENCY vs. LOAD CURRENT
(VIN = 3.3V) (MAX15050)
LOAD CURRENT (A)
1
0.1
50
60
70
80
90
100
40
0.01
10
VOUT = 1.8V
VOUT = 1.2V
VOUT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com