Electronic Components Datasheet Search
  English  ▼

X  

MAX17094 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17094
Description  Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17094 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17094 Datasheet HTML 1Page - Maxim Integrated Products MAX17094 Datasheet HTML 2Page - Maxim Integrated Products MAX17094 Datasheet HTML 3Page - Maxim Integrated Products MAX17094 Datasheet HTML 4Page - Maxim Integrated Products MAX17094 Datasheet HTML 5Page - Maxim Integrated Products MAX17094 Datasheet HTML 6Page - Maxim Integrated Products MAX17094 Datasheet HTML 7Page - Maxim Integrated Products MAX17094 Datasheet HTML 8Page - Maxim Integrated Products MAX17094 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Internal-Switch Boost Regulator with Integrated
7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VLIN = VEN = +3.3V, circuit of Figure 2, VMAIN = 8V, VGON1 = VGON2 = 21V, VGOFF = -6.5V, TA = 0°C to +85°C. Typical values
are at TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OPERATIONAL AMPLIFIER
AVDD Supply Voltage Range
6
14
V
AVDD Overvoltage Threshold
Rising edge, 400mV hysteresis
14.1
15
15.9
V
AVDD Input Supply Current
FB = 1.1V, buffer configuration, VPOS = VAVDD/2, no load
5
10
mA
Input Offset Voltage
VNEG, VPOS = VAVDD/2, TA = +25°C
-12
+12
mV
Input Bias Current
VNEG, VPOS = VAVDD/2, TA = +25°C
-50
+50
nA
Input Common-Mode
Voltage Range
0
VAVDD
V
Input Common-Mode
Rejection Ratio
80
dB
Output-Voltage Swing High
IOUT = 50mA
VAVDD -
300
mV
Output-Voltage Swing Low
IOUT = -50mA
300
mV
Large-Signal Voltage Gain
VOUT = 1V to VAVDD - 1V
80
dB
Slew Rate
45
V/μs
-3dB Bandwidth
20
MHz
Short to VAVDD - 3V sourcing
200
Short-Circuit Current
Short to 3V sinking
200
mA
CONTROL INPUTS
Logic-Input Voltage Low
(A2–A8, EN)
1.8V < VIN < 5.5V
0.8
V
Logic-Input Voltage High
(A2–A8, EN)
1.8V < VIN < 5.5V
1.6
V
Logic-Input Bias Current (A2–A8) 0 < AX < VIN, TA = +25°C
-1
+1
μA
Logic-Input Bias Current (EN)
0 < VEN < VIN, TA = +25°C
-1
+1
μA
INPUT-VOLTAGE DETECTOR
SENSE Voltage Range
VVL
V
SENSE Bias Current
0 < VSENSE < VL, TA = +25°C
-1
+1
μA
SENSE Threshold Voltage
Falling edge
1.200
1.235
1.270
V
PROGRAMMABLE VCOM CALIBRATOR
GON2 Calibrating Threshold
Rising edge, 230mV hysteresis
7
8.5
10.5
V
GON2 Input-Voltage Range
11
30
V
SET Voltage Resolution
7
Bits
SET Differential Nonlinearity
-1
+1
LSB
SET Zero-Scale Error
-1
+1
+3
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com