Electronic Components Datasheet Search
  English  ▼

X  

MAX6331 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6331
Description  Precision Shunt Regulators with Reset in SOT23-3
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6331 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6331 Datasheet HTML 1Page - Maxim Integrated Products MAX6331 Datasheet HTML 2Page - Maxim Integrated Products MAX6331 Datasheet HTML 3Page - Maxim Integrated Products MAX6331 Datasheet HTML 4Page - Maxim Integrated Products MAX6331 Datasheet HTML 5Page - Maxim Integrated Products MAX6331 Datasheet HTML 6Page - Maxim Integrated Products MAX6331 Datasheet HTML 7Page - Maxim Integrated Products MAX6331 Datasheet HTML 8Page - Maxim Integrated Products MAX6331 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Terminal Voltage (with respect to GND),
All Pins Except SHUNT ..................-0.3V to (VSHUNT + 0.3V)
Input Current (ISHUNT).......................................................60mA
Output Current (RESET/RESET) .......................................20mA
Short-Circuit Duration................................................Continuous
Continuous Power Dissipation
SOT23-3 (derate 4mW/°C above +70°C)....................320mW
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
(ISHUNT = 1mA, CL = 0.1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VSHUNT Regulation
Voltage (Note 1)
VSHUNT
ISHUNT =
0.1mA
to 50mA
MAX633_L
TA = +25°C
4.93
5.0
5.07
V
TA = -40°C to +85°C 4.85
5.15
MAX633_T
TA = +25°C
3.25
3.3
3.35
TA = -40°C to +85°C
3.20
3.40
MAX633_S
TA = +25°C
2.96
3.0
3.04
TA = -40°C to +85°C
2.91
3.09
Minimum VSHUNT for which
RESET is Valid (MAX6330)
TA = 0°C to +70°C
1.0
V
TA = -40°C to +85°C
1.2
VSHUNT Tempco
40
ppm/°C
Minimum Shunt Current
(Note 2)
ISHUNT(min)
100
60
µA
Maximum Shunt Current
(Note 3)
ISHUNT(max)
50
mA
Reset Threshold Voltage
VTH
MAX633_L
TA = +25°C
4.56
4.63
4.69
V
TA = -40°C to +85°C
4.50
4.75
MAX633_T
TA = +25°C
3.01
3.06
3.11
TA = -40°C to +85°C
2.97
3.15
MAX633_S
TA = +25°C
2.74
2.78
2.82
TA = -40°C to +85°C
2.70
2.86
Reset Threshold Tempco
40
ppm/°C
VSHUNT to Reset Delay
100mV overdrive, CL = 15pF
20
µs
Reset Pulse Width
100
140
200
ms
MAX6330/MAX6331
Precision Shunt Regulators with
Reset in SOT23-3
www.maximintegrated.com
Maxim Integrated │ 2
Electrical Characteristics
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com