Electronic Components Datasheet Search
  English  ▼

X  

MAX6325ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6325ESA
Description  1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6325ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6325ESA Datasheet HTML 1Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 2Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 3Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 4Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 5Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 6Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 7Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 8Page - Maxim Integrated Products MAX6325ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
General Description
The MAX6325/MAX6341/MAX6350 are low-noise, preci-
sion voltage references with extremely low, 0.5ppm/°C
typical temperature coefficients and excellent, ±0.02%
initial accuracy. These devices feature buried-zener
technology for lowest noise performance. Load-regula-
tion specifications are guaranteed for source and sink
currents up to 15mA. Excellent line and load regulation
and low output impedance at high frequencies make
them ideal for high-resolution data-conversion systems
up to 16 bits.
The MAX6325 is set for a 2.5V output, the MAX6341 is
set for a 4.096V output, and the MAX6350 is set for a
5V output. All three provide for the option of external
trimming and noise reduction.
________________________Applications
High-Resolution Analog-to-Digital
and Digital-to-Analog Converters
High-Accuracy Reference Standard
High-Accuracy Industrial and Process Control
Digital Voltmeters
ATE Equipment
Precision Current Sources
____________________________Features
o Ultra Low, 1ppm/°C Max Tempco
o Very Low, 1.5µVp-p Noise (0.1Hz to 10Hz)
(MAX6325)
o ±0.02% Initial Accuracy (MAX6350)
o ±15mA Output Source and Sink Current
o Low, 18mW Power Consumption (MAX6325)
o Industry-Standard Pinout
o Optional Noise Reduction and Voltage Trim
o Excellent Transient Response
o 8-Pin SO Package Available
o Low, 30ppm/1000hr Long-Term Stability
o Stable for All Capacitive Loads
1ppm/°C, Low-Noise, +2.5V/+4.096V/+5V
Voltage References
REFERENCE OUT
GND
NR
*OPTIONAL
TRIM
OUT
IN
8V TO 36V INPUT
*
2.2
µF
*
2.2
µF
MAX6325
MAX6341
MAX6350
Typical Operating Circuit
OUT
NR
TRIM
GND
1
2
8
7
I.C.
I.C.
IN
I.C.
MAX6325
MAX6341
MAX6350
DIP/SO
TOP VIEW
I.C. = INTERNALLY CONNECTED; DO NOT USE
3
4
6
5
Pin Configuration
19-1203; Rev 1; 1/01
Ordering Information
Ordering Information continued at end of data sheet.
MAX6325CPA
MAX6325CSA
0°C to +70°C
0°C to +70°C
1.0
1.0
8 Plastic DIP
8 SO
MAX6325EPA
-40°C to +85°C
1.5
8 Plastic DIP
PART
TEMP. RANGE
MAX
TEMPCO
(ppm/
°C)
PIN-
PACKAGE
MAX6325ESA
-40°C to +85°C
1.5
8 SO
MAX6325MJA
-55°C to +125°C
2.5
8 CERDIP
Pin Configuration
19-1203; Rev 1; 1/01
Pin Configuration
MAX6325/MAX6341/MAX6350


Similar Part No. - MAX6325ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6325ESA MAXIM-MAX6325ESA Datasheet
186Kb / 12P
1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
More results

Similar Description - MAX6325ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225 Datasheet
181Kb / 12P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
Rev 3; 5/98
MAX6325 MAXIM-MAX6325 Datasheet
186Kb / 12P
1ppm/째C, Low-Noise, 2.5V/4.096V/5V Voltage References
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525 Datasheet
395Kb / 18P
2.5V AND 4.096V VOLTAGE REFERENCES
2001
logo
Maxim Integrated Produc...
MAX6220 MAXIM-MAX6220 Datasheet
772Kb / 10P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage Reference
Rev 0; 4/01
logo
Microchip Technology
MCP1525 MICROCHIP-MCP1525_05 Datasheet
336Kb / 20P
2.5V and 4.096V Voltage References
2005
MCP1525T-I MICROCHIP-MCP1525T-I Datasheet
261Kb / 21P
2.5V and 4.096V Voltage References
2005
MCP1525 MICROCHIP-MCP1525_13 Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541-I MICROCHIP-MCP1541-I Datasheet
487Kb / 20P
2.5V and 4.096V Voltage References
11/29/12
MCP1541T-I MICROCHIP-MCP1541T-I Datasheet
285Kb / 20P
2.5V and 4.096V Voltage References
10/20/04
logo
Maxim Integrated Produc...
MAX6225 MAXIM-MAX6225_V01 Datasheet
2Mb / 11P
Low-Noise, Precision, 2.5V/4.096V/5V Voltage References
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com