Electronic Components Datasheet Search
  English  ▼

X  

ADL5569 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5569
Description  6.5 GHz, Ultrahigh Dynamic Range, Differential Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5569 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5569 Datasheet HTML 9Page - Analog Devices ADL5569 Datasheet HTML 10Page - Analog Devices ADL5569 Datasheet HTML 11Page - Analog Devices ADL5569 Datasheet HTML 12Page - Analog Devices ADL5569 Datasheet HTML 13Page - Analog Devices ADL5569 Datasheet HTML 14Page - Analog Devices ADL5569 Datasheet HTML 15Page - Analog Devices ADL5569 Datasheet HTML 16Page - Analog Devices ADL5569 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADL5569
Rev. C | Page 13 of 23
–24
–36
100M
10M
1G
10G
FREQUENCY (Hz)
–34
–32
–30
–28
–26
Figure 33. Reverse Isolation (SDD12) vs. Frequency
0
0
5.0
–5.0
2.0
1.0
–1.0
–2.0
0.5
–0.5
0.2
–0.2
8GHz
4GHz
3GHz
2GHz
10MHz
Figure 34. Differential Input Reflection Coefficient (SDD11)
TEMPERATURE (°C)
–40
–20
0
20
40
80 85
60
170
171
172
173
174
175
176
177
178
179
180
Figure 35. Supply Current vs. Temperature
0
–20
–40
–60
–80
–100
–120
10M
100M
FREQUENCY (Hz)
1G
10G
CHANNEL A TO CHANNEL B
CHANNEL B TO CHANNEL A
Figure 36. Channel to Channel Isolation vs. Frequency
0
0
5.0
–5.0
2.0
1.0
–1.0
–2.0
0.5
–0.5
0.2
–0.2
8GHz
4GHz
3GHz
1GHz
500MHz
2GHz
10MHz
Figure 37. Differential Output Reflection Coefficient (SDD22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com