Electronic Components Datasheet Search
  English  ▼

X  

ADP1031 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1031
Description  Three-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1031 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1031 Datasheet HTML 9Page - Analog Devices ADP1031 Datasheet HTML 10Page - Analog Devices ADP1031 Datasheet HTML 11Page - Analog Devices ADP1031 Datasheet HTML 12Page - Analog Devices ADP1031 Datasheet HTML 13Page - Analog Devices ADP1031 Datasheet HTML 14Page - Analog Devices ADP1031 Datasheet HTML 15Page - Analog Devices ADP1031 Datasheet HTML 16Page - Analog Devices ADP1031 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Data Sheet
ADP1031
Rev. A | Page 13 of 38
TYPICAL PERFORMANCE CHARACTERISTICS
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
IOUT1 (mA)
VINP = 5V
VINP = 12V
VINP = 18V
VINP = 24V
VINP = 32V
VINP = 60V
Figure 4. Overall Efficiency at Various Input Voltages, TA = +25°C,
VOUT1 = +24 V, VOUT2 = +5.15 V, IOUT2 = +7 mA, VOUT3 = −15 V, IOUT3 = −0.3 mA,
Using a Würth Elektronik 750316743 Transformer
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
IOUT1 (mA)
VINP = 5V
VINP = 12V
VINP = 18V
VINP = 24V
VINP = 32V
VINP = 60V
Figure 5. Overall Efficiency at Various Input Voltages, TA = +25°C, VOUT1 =
+21 V, VOUT2 = +5.15 V, IOUT2 = +7 mA, VOUT3 = −15 V, IOUT3 = −0.3 mA, Using a
Würth Elektronik 750316743 Transformer
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
IOUT1 (mA)
VOUT1 = 24V (–40°C)
VOUT1 = 24V (+25°C)
VOUT1 = 24V (+125°C)
VOUT1 = 21V (–40°C)
VOUT1 = 21V (+25°C)
VOUT1 = 21V (+125°C)
Figure 6. Overall Efficiency across Temperature, VINP = +24 V, VOUT1 = +21 V and
VOUT1 = +24 V, VOUT2 = +5.15 V, IOUT2 = +7 mA, VOUT3 = −15 V, IOUT3 = −0.3 mA,
Using a Würth Elektronik 750316743 Transformer
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
70
80
90
100
IOUT1 (mA)
VINP = 5V
VINP = 12V
VINP = 18V
VINP = 24V
VINP = 32V
VINP = 60V
Figure 7. Power Dissipation at Various Input Voltages, TA = +25°C,
VOUT1 = +24 V, VOUT2 = +5.15 V, IOUT2 = +7 mA, VOUT3 = −15 V, IOUT3 = −0.3 mA, T
Using a Würth Elektronik 750316743 Transformer
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
70
80
90
100
IOUT1 (mA)
VINP = 5V
VINP = 12V
VINP = 18V
VINP = 24V
VINP = 32V
VINP = 60V
Figure 8. Power Dissipation at Various Input Voltages, TA = +25°C,
VOUT1 = +21 V, VOUT2 = +5.15 V, IOUT2 = +7 mA, VOUT3 = −15 V, IOUT3 = −0.3 mA,
Using a Würth Elektronik 750316743 Transformer
0
50
100
150
200
250
300
350
400
450
0
10
20
30
40
50
60
70
80
90
100
IOUT1 (mA)
VOUT1 = 24V (–40°C)
VOUT1 = 24V (+25°C)
VOUT1 = 24V (+125°C)
VOUT1 = 21V (–40°C)
VOUT1 = 21V (+25°C)
VOUT1 = 21V (+125°C)
Figure 9. Power Dissipation across Temperature, VINP = +24 V, VOUT1 = +21 V and
VOUT1 = +24 V, VOUT2 = +5.15 V, IOUT2 = +7 mA, VOUT3 = −15 V, IOUT3 = −0.3 mA,
Using a Würth Elektronik 750316743 Transformer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com