Electronic Components Datasheet Search
  English  ▼

X  

ADP2450 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2450
Description  Power Management IC for Circuit Breaker Applications
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2450 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2450 Datasheet HTML 16Page - Analog Devices ADP2450 Datasheet HTML 17Page - Analog Devices ADP2450 Datasheet HTML 18Page - Analog Devices ADP2450 Datasheet HTML 19Page - Analog Devices ADP2450 Datasheet HTML 20Page - Analog Devices ADP2450 Datasheet HTML 21Page - Analog Devices ADP2450 Datasheet HTML 22Page - Analog Devices ADP2450 Datasheet HTML 23Page - Analog Devices ADP2450 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
ADP2450
Data Sheet
Rev. B | Page 20 of 40
CH1 500mV BW
CH2 500mV BW
CH1
1.54V
10.0ms 1.00MSPS
T
1
2
T
1.800000ms
100k PTS
EINx
EOUTx
Figure 53. PGA Gain Switching from Gain = 1 to Gain = 4
CH1 1.00V BW CH2 200mV BW M10.0ms
1.00MSPS
CH3
2.24V
100k PTS
T
1.800000ms
1
2
T
EOUTx
EINx
Figure 54. PGA Gain Switching from Gain = 4 to Gain = 16
CH1 1.00V BW
CH4 2.00V BW
M10.0ms 1.00MSPS CH4
2.16V
100k PTS
T
19.90000ms
1
4
T
GATE
EINx
Figure 55. Analog Trip Threshold Triggered, VCOM = RCOM = 0 V
CH1 500mV BW CH2 500mV BW M10.0ms
CH3
2.24V
100k PTS
T
1.800000ms
1
2
T
EOUTx
EINx
1.00MSPS
Figure 56. PGA Gain Switching from Gain = 4 to Gain = 1
CH1 1.00V BW CH2 200mV BW M10.0ms
CH3
2.24V
100k PTS
T
1.800000ms
1
2
T
EOUTx
EINx
1.00MSPS
Figure 57. PGA Gain Switching from Gain = 16 to Gain = 4
CH3 2.00V BW
CH4 2.00V BW
M2.00ms
CH3
3.56V
100k PTS
T
23.20000µs
3
4
T
GATE
TRG
5.00MSPS
Figure 58. TRG Trigger Analog Trip Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com