Electronic Components Datasheet Search
  English  ▼

X  

ADP5034 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5034
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5034 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5034 Datasheet HTML 20Page - Analog Devices ADP5034 Datasheet HTML 21Page - Analog Devices ADP5034 Datasheet HTML 22Page - Analog Devices ADP5034 Datasheet HTML 23Page - Analog Devices ADP5034 Datasheet HTML 24Page - Analog Devices ADP5034 Datasheet HTML 25Page - Analog Devices ADP5034 Datasheet HTML 26Page - Analog Devices ADP5034 Datasheet HTML 27Page - Analog Devices ADP5034 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
ADP5034
Data Sheet
Rev. E | Page 28 of 28
ORDERING GUIDE
Model1
Temperature
Range
Output
Voltage (V)2
UVLO3
Active Pull-
Down4
Package Description
Package
Option
ADP5034ACPZ-R2
−40°C to +125°C
Adjustable
Low
Enabled on buck
channels only
24-Lead Lead Frame Chip Scale Package
(LFCSP_WQ)
CP-24-10
ADP5034ACPZ-R7
−40°C to +125°C
Adjustable
Low
Enabled on buck
channels only
24-Lead Lead Frame Chip Scale Package
(LFCSP_WQ)
CP-24-10
ADP5034ACPZ-1-R7
−40°C to +125°C
VOUT1 = 1.2 V
VOUT2 = 3.3 V
VOUT3 = 2.8 V
VOUT4 = 1.8 V
Low
Enabled on buck
channels only
24-Lead Lead Frame Chip Scale Package
(LFCSP_WQ)
CP-24-10
ADP5034ACPZ-2-R7
−40°C to +125°C
Adjustable
High
Enabled on buck
channels only
24-Lead Lead Frame Chip Scale Package
(LFCSP_WQ)
CP-24-10
ADP5034ACPZ-3-R7
−40°C to +125°C
Adjustable
High
Enabled on all
channels
24-Lead Lead Frame Chip Scale Package
(LFCSP_WQ)
CP-24-10
ADP5034AREZ
−40°C to +125°C
Adjustable
Low
Enabled on all
channels
28-Lead TSSOP Package (TSSOP_EP)
RE-28-1
ADP5034AREZ-R7
−40°C to +125°C
Adjustable
Low
Enabled on all
channels
28-Lead TSSOP Package (TSSOP_EP)
RE-28-1
ADP5034AREZ-1
−40°C to +125°C
Adjustable
High
Enabled on all
channels
28-Lead TSSOP Package (TSSOP_EP)
RE-28-1
ADP5034AREZ-1-R7
−40°C to +125°C
Adjustable
High
Enabled on all
channels
28-Lead TSSOP Package (TSSOP_EP)
RE-28-1
ADP5034-1-EVALZ
Evaluation Board for ADP5034ACPZ-R7
ADP5034RE-EVALZ
Evaluation Board for ADP5034AREZ-R7
1
Z = RoHS Compliant Part.
2
For additional options, contact a local sales or distribution representative. Additional options available are:
BUCK1 and BUCK2: 3.3 V, 3.0 V, 2.8 V, 2.5 V, 2.3 V, 2.0 V, 1.8 V, 1.6 V, 1.5 V, 1.4 V, 1.3 V, 1.2 V, 1.1 V, 1.0 V, 0.9 V, or adjustable.
LDO1 and LDO2: 3.3 V, 3.0 V, 2.8 V, 2.5 V, 2.25 V, 2.0 V, 1.8 V, 1.7 V, 1.6 V, 1.5 V, 1.2 V, 1.1 V, 1.0 V, 0.9 V, 0.8 V, or adjustable.
3
UVLO: low or high.
4
BUCK1, BUCK2, both LDO1 and LDO2: Active pull-down resistor is programmable to be either enabled or disabled.
©2011–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09703-0-5/13(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com