Electronic Components Datasheet Search
  English  ▼

X  

ADP5023 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP5023
Description  Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5023 Datasheet(HTML) 3 Page - Analog Devices

  ADP5023 Datasheet HTML 1Page - Analog Devices ADP5023 Datasheet HTML 2Page - Analog Devices ADP5023 Datasheet HTML 3Page - Analog Devices ADP5023 Datasheet HTML 4Page - Analog Devices ADP5023 Datasheet HTML 5Page - Analog Devices ADP5023 Datasheet HTML 6Page - Analog Devices ADP5023 Datasheet HTML 7Page - Analog Devices ADP5023 Datasheet HTML 8Page - Analog Devices ADP5023 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Data Sheet
ADP5034
Rev. E | Page 3 of 28
REVISION HISTORY
5/13—Rev. D to Rev. E
Added Table 1; Renumbered Sequentially.....................................1
Changes to Figure 1...........................................................................1
Changes to NC Pin Description......................................................8
Changes to Figure 49 ......................................................................19
Changes to Figure 51 ......................................................................21
Changes to Figure 53 and Figure 54 .............................................26
1/13—Rev. C to Rev. D
Changes to Ordering Guide...........................................................28
11/12—Rev. B to Rev. C
Changes to Ordering Guide...........................................................28
7/12—Rev. A to Rev. B
Added 28-Lead TSSOP Package Throughout ...............................1
Changes to Output Voltage Accuracy Parameter, Added TSSOP
SW On Resistance Specifications, Changes to Voltage Feedback
Minimum and Maximum Values, and Changes to Active Pull-
Down Conditions; Table 2 ...............................................................5
Changes to Output Voltage Accuracy Parameter and Voltage
Feedback Minimum and Maximum Values in Table 3; Changes
to Table 4 ............................................................................................6
Added Thermal Resistance Values for TSSOP Package, Table 6 ..7
Added Figure 3 and TSSOP Pins to Table 7 ..................................8
Changes to Figure 7, Figure 8, and Figure 9 ..................................9
Changes to Figure 10 ......................................................................10
Changes to Figure 18 Caption .......................................................11
Changes to Figure 31 and Figure 32 .............................................13
Changes to Figure 35 and Figure 39 Caption ..............................14
Changes to Undervoltage Lockout Section..................................17
Changes to Table 8 ..........................................................................20
Changes to Table 9 and Table 11 ...................................................21
Changes to Equation 9 and Following Paragraph.......................23
Added UG-349 to PCB Layout Guidelines Section....................25
Changes to Table 12 ........................................................................26
Updated Outline Dimensions........................................................27
Changes to Ordering Guide...........................................................28
10/11—Rev. 0 to Rev. A
Change to Features Section..............................................................1
Changes to General Description Section .......................................1
Changes to Figure 1...........................................................................1
Change to Table 1, Low UVLO Input Voltage Falling Parameter,
Symbol Column.................................................................................3
Change to Table 2, Output Voltage Accuracy Parameter, Test
Conditions/Comment Column.......................................................4
Change to Table 2, Line Regulation Parameter, Symbols
Column...............................................................................................4
Change to Table 2, Load Regulation Parameter, Symbols
Column...............................................................................................4
Changes to Table 2, Reversed the RPFET and RNFET Symbols for
the SW On Resistance Parameter and Changes to Typ and Max
Columns .............................................................................................4
Changes to Table 3, Output Accuracy Parameter, Test
Conditions/Comments Column .....................................................4
Changes to Table 3, Line Regulation Parameter, Symbols
Column and Test Conditions/Comments Column......................4
Change to Table 3, Changes to Dropout Voltage Parameter and
Added Specification to Dropout Voltage Parameter....................5
Change to Table 3, Endnote 3..........................................................5
Change to Table 4, BUCK1, BUCK2 Output Capacitor
Parameter, Min Column Value........................................................5
Change to Table 4, Endnote 1..........................................................5
Changes to Absolute Maximum Ratings, Table 5.........................6
Changes to Table 7, Pin Function Descriptions............................7
Changes to TPC Section...................................................................8
Moved Power Dissipation and Thermal Considerations
Section ..............................................................................................22
Change to Equation 5 Where Statement......................................22
Change to Equation 6 .....................................................................22
Change to Undervoltage Lockout Section...................................16
Changes to Figure 46 ......................................................................16
Change to Figure 47........................................................................17
Changes to LDO1/LDO2 Section .................................................18
Changes to Output Capacitor Section and Table 8.....................19
Change to VRIPPLE Equation, Table 9, and Figure 50....................20
Changes to Input and Output Capacitor Properties Section ....21
Changes to Equation 3....................................................................22
Changes to Junction Temperature Section ..................................23
Changes to LDO Regulator Power Dissipation Section.............23
Changes to Figure 52 and Figure 53 .............................................25
Moved Bill of Materials Section ....................................................25
Changes to Ordering Guide...........................................................26
6/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com