Electronic Components Datasheet Search
  English  ▼

X  

FS32K146HEX0MLFT Datasheet(PDF) 26 Page - NXP Semiconductors

Part # FS32K146HEX0MLFT
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K146HEX0MLFT Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button FS32K146HEX0MLFT Datasheet HTML 22Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 23Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 24Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 25Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 26Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 27Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 28Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 29Page - NXP Semiconductors FS32K146HEX0MLFT Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 101 page
background image
Table 14. VLPS additional use-case power consumption at typical conditions 1, 2, 3
(continued)
Use-case
Description
Temp.
Device
Unit
S32K116
S32K11
8
S32K142
S32K144
S32K14x
W
S32K146
S32K148
105
2.83
3.21
3.5
4.2
4.34
4.93
5.74
mA
125
3.34
3.53
3.93
4.63
5.38
5.97
7.38
mA
150
–
–
–
–
7.49
–
–
mA
VLPS and LPIT
• Clock source: SIRC
• 1 channel enable
• Mode: 32-bit periodic counter
25
114
114
114
114
116
120
130
μA
85
158
164
190
250
–
260
320
μA
105
210
223
310
410
425
440
570
μA
125
371
408
640
750
780
910
1280
μA
150
–
–
–
–
1380
–
–
μA
1.
All power numbers listed in this table are typical power numbers
2.
Current numbers are quoted for a certain application code and may vary on user configuration and silicon process variation.
3.
The power numbers are not strictly for the VLPS mode operation alone, but also includes power due to periodic wakeup. The power therefore includes wakeup
plus VLPS mode activity. This leads to greater dependence of power numbers on application code.
4.
The single LPSPI used is LPSPI1 in S32K14X devices but LPSPI0 in S32K11x devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com