Electronic Components Datasheet Search
  English  ▼

X  

SIC780 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC780
Description  Integrated DrMOS Power Stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC780 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC780 Datasheet HTML 1Page - Vishay Siliconix SIC780 Datasheet HTML 2Page - Vishay Siliconix SIC780 Datasheet HTML 3Page - Vishay Siliconix SIC780 Datasheet HTML 4Page - Vishay Siliconix SIC780 Datasheet HTML 5Page - Vishay Siliconix SIC780 Datasheet HTML 6Page - Vishay Siliconix SIC780 Datasheet HTML 7Page - Vishay Siliconix SIC780 Datasheet HTML 8Page - Vishay Siliconix SIC780 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SiC780, SiC780A
www.vishay.com
Vishay Siliconix
S14-1497-Rev. D, 04-Aug-14
4
Document Number: 63788
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS UNLESS SPECIFIED
VDSBL# = VSMOD = 5 V,
VIN = 12 V, VDRV = VCIN = 5 V,
TA = 25 °C
MIN. (3) TYP. (1)
MAX. (3)
UNIT
Power Supplies
VCIN Control Logic Input Current
IVCIN
VDSBL# = 0 V, no switching
-
100
-
μA
VDSBL# = 5 V, no switching
-
300
-
VDSBL# = 5 V, fs = 300 kHz, D = 0.1
-
300
-
Drive Input Current (Dynamic)
IVDRV
fs = 300 kHz, D = 0.1
-
16
25
mA
fs = 1 MHz, D = 0.1
-
60
-
Drive Input Current (No Switching)
VDSBL# = 0 V, no switching
-
30
-
μA
VDSBL# = 5 V, no switching
-
60
-
Bootstrap Supply
Bootstrap Switch Forward Voltage
VF
VCIN = 5 V, forward bias current 2 mA
-
-
0.4
V
PWM Control Input (SiC780CD)
Rising Threshold
Vth_pwm_r
3.4
3.7
4.2
V
Falling Threshold
Vth_pwm_f
0.7
0.9
1.2
Tri-state Voltage
Vtri
PWM pin floating
-
2.3
-
Tri-state Rising Threshold
Vth_tri_r
0.9
-
1.5
Tri-state Falling Threshold
Vth_tri_f
33.4
3.7
Tri-state Rising Threshold Hysteresis
Vhys_tri_r
-
225
-
mV
Tri-state Falling Threshold Hysteresis
Vhys_tri_f
-
325
-
PWM Input Current
IPWM
VPWM = 5 V
-
-
500
μA
VPWM = 0 V
-
-
-500
PWM Control Input (SiC780ACD)
Rising Threshold
Vth_pwm_r
2.1
2.4
2.8
V
Falling Threshold
Vth_pwm_f
0.7
0.9
1.2
Tri-state Voltage
Vtri
PWM pin floating
-
1.8
-
Tri-state Rising Threshold
Vth_tri_r
0.9
-
1.5
Tri-state Falling Threshold
Vth_tri_f
1.9
2.2
2.6
Tri-state Rising Threshold Hysteresis
Vhys_tri_r
-
225
-
mV
Tri-state Falling Threshold Hysteresis
Vhys_tri_f
-
275
-
PWM Input Current
IPWM
VPWM = 3.3 V
-
-
300
μA
VPWM = 0 V
-
-
-300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com