Electronic Components Datasheet Search
  English  ▼

X  

SIC781DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC781DB
Description  50 A, VRPower® Integrated Power Stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC781DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC781DB Datasheet HTML 1Page - Vishay Siliconix SIC781DB Datasheet HTML 2Page - Vishay Siliconix SIC781DB Datasheet HTML 3Page - Vishay Siliconix SIC781DB Datasheet HTML 4Page - Vishay Siliconix SIC781DB Datasheet HTML 5Page - Vishay Siliconix SIC781DB Datasheet HTML 6Page - Vishay Siliconix SIC781DB Datasheet HTML 7Page - Vishay Siliconix SIC781DB Datasheet HTML 8Page - Vishay Siliconix SIC781DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SiC781CD
www.vishay.com
Vishay Siliconix
S14-1638. B, 25-Aug-14
2
Document Number: 62950
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC781 Pin Configuration
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1
ZCD_EN
ZCD control. Active high
2VCIN
Supply voltage for internal logic circuitry
3VDRV
Supply voltage for internal gate driver
4
BOOT
High-side driver bootstrap voltage
5, 37, P1
CGND
Analog ground for the driver IC
6
GH
High-side gate signal
7
PHASE
Return path of high-side gate driver
8 to 14, P2
VIN
Power stage input voltage. Drain of high-side MOSFET
15, 29 to 35, P3
VSWH
Switch node of the power stage
16 to 28
PGND
Power ground
36
GL
Low-side gate signal
38
THWn
Thermal warning open drain output
39
DSBL#
Disable pin. Active low
40
PWM
PWM control input
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
SiC781CD-T1-GE3
PowerPAK MLP66-40L
SiC781
SiC781DB
Reference Board
ZCD_EN 1
VCIN 2
VDRV 3
BOOT 4
CGND 5
GH 6
PHASE 7
VIN 8
VIN 9
VIN 10
28 PGND
27 PGND
26 PGND
25 PGND
24 PGND
23 PGND
22 PGND
21 PGND
30 VSWH
29 VSWH
P1
CGND
P2
VIN
P3
VSWH
Top view
1 ZCD_EN
2 VCIN
3 VDRV
4 BOOT
5 CGND
6 GH
7 PHASE
8 VIN
9 VIN
10 VIN
PGND 28
PGND 27
PGND 26
PGND 25
PGND 24
PGND 23
PGND 22
PGND 21
VSWH 30
VSWH 29
Bottom view
P1
CGND
P2
VIN
P3
VSWH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com