Electronic Components Datasheet Search
  English  ▼

X  

SIC788 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC788
Description  50 A VRPower® Integrated Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC788 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC788 Datasheet HTML 1Page - Vishay Siliconix SIC788 Datasheet HTML 2Page - Vishay Siliconix SIC788 Datasheet HTML 3Page - Vishay Siliconix SIC788 Datasheet HTML 4Page - Vishay Siliconix SIC788 Datasheet HTML 5Page - Vishay Siliconix SIC788 Datasheet HTML 6Page - Vishay Siliconix SIC788 Datasheet HTML 7Page - Vishay Siliconix SIC788 Datasheet HTML 8Page - Vishay Siliconix SIC788 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SiC788, SiC788A
www.vishay.com
Vishay Siliconix
S20-0486-Rev. D, 29-Jun-2020
4
Document Number: 62985
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Typical limits are established by characterization and are not production tested
(2) Guaranteed by design
ELECTRICAL SPECIFICATIONS
(DSBL# = SMOD# = 5 V, VIN = 12 V, VDRV and VCIN = 5 V, TA = 25 °C)
PARAMETER
SYMBOL
TEST CONDITION
LIMITS
UNIT
MIN.
TYP.
MAX.
POWER SUPPLY
Control logic supply current
IVCIN
VDSBL# = 0 V, no switching, VPWM = FLOAT
-
85
-
μA
VDSBL# = 5 V, no switching, VPWM = FLOAT
-
290
-
VDSBL# = 5 V, fS = 300 kHz, D = 0.1
-
295
-
Drive supply current
IVDRV
fS = 300 kHz, D = 0.1
-
9
15
mA
fS = 1 MHz, D = 0.1
-
30
-
VDSBL# = 0 V, no switching
-
30
-
μA
VDSBL# = 5 V, no switching
-
55
-
BOOTSTRAP SUPPLY
Bootstrap diode forward voltage
VF
IF = 2 mA
0.4
V
PWM CONTROL INPUT (SiC788)
Rising threshold
VTH_PWM_R
3.4
3.7
4.0
V
Falling threshold
VTH_PWM_F
0.72
0.9
1.1
Tri-state voltage
VTRI
VPWM = FLOAT
-
2.3
-
Tri-state rising threshold
VTRI_TH_R
0.9
1.15
1.38
Tri-state falling threshold
VTRI_TH_F
3.1
3.35
3.6
Tri-state rising threshold hysteresis
VHYS_TRI_R
-
225
-
mV
Tri-state falling threshold hysteresis
VHYS_TRI_F
-
325
-
PWM input current
IPWM
VPWM = 5 V
-
-
350
μA
VPWM = 0 V
-
-
-350
PWM CONTROL INPUT (SiC788A)
Rising threshold
VTH_PWM_R
2.2
2.45
2.7
V
Falling threshold
VTH_PWM_F
0.72
0.9
1.1
Tri-state voltage
VTRI
VPWM = FLOAT
-
1.8
-
Tri-state rising threshold
VTRI_TH_R
0.9
1.15
1.38
Tri-state falling threshold
VTRI_TH_F
1.95
2.2
2.45
Tri-state rising threshold hysteresis
VHYS_TRI_R
-
225
-
mV
Tri-state falling threshold hysteresis
VHYS_TRI_F
-
275
-
PWM input current
IPWM
VPWM = 3.3 V
-
-
225
μA
VPWM = 0 V
-
-
-225
TIMING SPECIFICATIONS
Tri-State to GH/GL rising
propagation delay
tPD_TRI_R
No load, see fig. 4
-30-
ns
Tri-state hold-off time
tTSHO
-
130
-
GH - turn off propagation delay
tPD_OFF_GH
-18-
GH - turn on propagation delay
(dead time rising)
tPD_ON_GH
-15-
GL - turn off propagation delay
tPD_OFF_GL
-12-
GL - turn on propagation delay
(dead time falling)
tPD_ON_GL
-8-
DSBL# low to GH/GL falling
propagation delay
tPD_DSBL#_F
Fig. 5
-
15
-
DSBL# high to GH/GL rising
propagation delay
tPD_DSBL#_R
Fig. 5
-
20
-
PWM minimum on-time
tPWM_ON_MIN
30
-
-
DSBL# SMOD# INPUT
DSBL# logic input voltage
VIH_DSBL#
Input logic high
2
-
-
V
VIL_DSBL#
Input logic low
-
-
0.8
SMOD# logic input voltage
VIH_SMOD#
Input logic high
2
-
-
VIL_SMOD#
Input logic low
-
-
0.8
PROTECTION
Under voltage lockout
VUVLO
VCIN rising, on threshold
-
3.7
4.1
V
VCIN falling, off threshold
2.7
3.1
-
Under voltage lockout hysteresis
VUVLO_HYST
-
575
-
mV
THWn flag set (2)
TTHWn_SET
-
160
-
°C
THWn flag clear (2)
TTHWn_CLEAR
-
135
-
THWn flag hysteresis (2)
TTHWn_HYST
-25-
THWn output low
VOL_THWn
ITHWn = 2 mA
-
0.02
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com