Electronic Components Datasheet Search
  English  ▼

X  

SIC780DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC780DB
Description  Integrated DrMOS Power Stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC780DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC780DB Datasheet HTML 1Page - Vishay Siliconix SIC780DB Datasheet HTML 2Page - Vishay Siliconix SIC780DB Datasheet HTML 3Page - Vishay Siliconix SIC780DB Datasheet HTML 4Page - Vishay Siliconix SIC780DB Datasheet HTML 5Page - Vishay Siliconix SIC780DB Datasheet HTML 6Page - Vishay Siliconix SIC780DB Datasheet HTML 7Page - Vishay Siliconix SIC780DB Datasheet HTML 8Page - Vishay Siliconix SIC780DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SiC780, SiC780A
www.vishay.com
Vishay Siliconix
S14-1497-Rev. D, 04-Aug-14
2
Document Number: 63788
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION - Bottom View
Fig. 2 - SiC780 Pin Configuration
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
1
SMOD#
LS FET turn-off logic. Active low
2VCIN
Supply voltage for internal logic circuitry
3VDRV
Supply voltage for internal gate driver
4
BOOT
High side driver bootstrap voltage
5, 37, P1
CGND
Analog ground for the driver IC
6GH
High side gate signal
7
PHASE
Return path of HS gate driver
8 to 14, P2
VIN
Power stage input voltage. Drain of high side MOSFET
15, 29 to 35, P3
VSWH
Phase node of the power stage
16 to 28
PGND
Power ground
36
GL
Low side gate signal
38
THDN
Thermal shutdown open drain output
39
DSBL#
Disable pin. Active low
40
PWM
PWM input logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com