Electronic Components Datasheet Search
  English  ▼

X  

SIP11203 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP11203
Description  Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP11203 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP11203 Datasheet HTML 1Page - Vishay Siliconix SIP11203 Datasheet HTML 2Page - Vishay Siliconix SIP11203 Datasheet HTML 3Page - Vishay Siliconix SIP11203 Datasheet HTML 4Page - Vishay Siliconix SIP11203 Datasheet HTML 5Page - Vishay Siliconix SIP11203 Datasheet HTML 6Page - Vishay Siliconix SIP11203 Datasheet HTML 7Page - Vishay Siliconix SIP11203 Datasheet HTML 8Page - Vishay Siliconix SIP11203 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Vishay Siliconix
SiP11203, SiP11204
Document Number: 73868
S11-0975–Rev. C, 16-May-11
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Product is End of Life 12/2014
Synchronous Rectifier Driver with Power Up/Down Control,
Output OVP, Error Amplifier and Precision Reference
FEATURES
• High Current synchronous rectifier drivers
- 2.2 A source and 4 A sink
• Driver switching synchronized with primary
controller
• Full
output
control
during
power-up
and
power-down
• 5.5 V to 13 V operating voltage range
• 1.225 V on board bandgap voltage reference
• Can be powered from the pulse transformer
supplying synchronous rectifier timing signals
• On-chip ground-sensing error amplifier
• Programmable rising edge delay
• Output over-voltage protection (OVP)
- SiP11203 turns synchronous rectifiers on
- SiP11204 turns synchronous rectifiers off
• Secondary-side companion chip for the Si9122
Half-Bridge Controller IC
APPLICATIONS
• High efficiency DC-DC Converter Modules and
Bricks
• Telecom and Server Power Supplies
• High Efficiency Intermediate Bus Converters (IBC)
• Half-bridge, full-bridge, or push-pull primary DC-DC
topologies
• Center-tapped
or
current-doubler
secondary
configurations
DESCRIPTION
The SiP11203/SiP11204 provide the secondary side
error amplifier, reference voltage and synchronous
rectifier drivers for isolated converter topologies. Both
ICs are capable of being powered via conventional
bias supplies (output inductor winding or power
transformer winding), or from a pulse transformer
supplying the gate timing signals, and both parts
generate a regulated supply for powering the error
amplifier and control circuitry.
During power-up the SiP11203/SiP11204 ensure that
the synchronous rectifiers are held off until the supply
voltages
are
adequate
to
guarantee
effective
operation of the driver circuits. During the soft-start
interval, a gradual ramp-up of the synchronous
rectifier conduction time is provided. Both ICs also
allow control of the discharge rate of the synchronous
rectifier driver outputs during power-down.
The SiP11203 and SiP11204 are available in a
Pb-free MLP44-16 package and are rated to handle
the industrial ambient temperature range of - 40 to 85 °C.
TYPICAL APPLICATION CIRCUIT
OUT B
OUT A
Vin
IN A
IN B
OVPin
EA+
VLCpd
Rdel
Rpd
GND
Vref
EA-
EAout
PGND
Half Bridge
SiP11203
SiP11204
V IN
GND
V OUT
GND
PWM
Controller
Optoisolator
Pulse
Transformer
ZF1
ZF2
SRH
SRL


Similar Part No. - SIP11203

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP11203 VISHAY-SIP11203 Datasheet
386Kb / 18P
Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
16-May-11
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
SIP11203DLP-T1-E3 VISHAY-SIP11203DLP-T1-E3 Datasheet
386Kb / 18P
Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
16-May-11
More results

Similar Description - SIP11203

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54190 TI-SN54190 Datasheet
512Kb / 14P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
UC1965 TI-UC1965 Datasheet
55Kb / 4P
Precision Reference with Low Offset Error Amplifier
logo
Fairchild Semiconductor
DM74LS191 FAIRCHILD-DM74LS191 Datasheet
72Kb / 6P
Synchronous 4-Bit Up/Down Counter with Mode Control
logo
National Semiconductor ...
MM54HC190 NSC-MM54HC190 Datasheet
202Kb / 8P
MM54HC190/MM74HC190 Synchronous Decade Up/Down Counters with Mode Control MM54HC191/MM74HC191 Synchronous Binary Up/Down Counters with Mode Control
logo
Texas Instruments
CD54HC190 TI-CD54HC190 Datasheet
614Kb / 26P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
logo
SamHop Microelectronics...
SM7513 SAMHOP-SM7513 Datasheet
339Kb / 13P
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
logo
Vishay Siliconix
SIP11203 VISHAY-SIP11203 Datasheet
386Kb / 18P
Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
16-May-11
logo
Texas Instruments
UC3965DP TI-UC3965DP Datasheet
75Kb / 6P
Precision Reference with Low Offset Error Amplifier
logo
STMicroelectronics
LED2472G STMICROELECTRONICS-LED2472G Datasheet
1Mb / 39P
24-channels LED driver with error detection and gain control
April 2014 Rev 3
logo
Texas Instruments
SN54190 TI1-SN54190_13 Datasheet
1Mb / 16P
SYNCHRONOUS UP/DOWN COUNTERS WITH DOWN/UP MODE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com