Electronic Components Datasheet Search
  English  ▼

X  

SIP12110DB Datasheet(PDF) 11 Page - Vishay Siliconix

Part # SIP12110DB
Description  6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12110DB Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button SIP12110DB Datasheet HTML 7Page - Vishay Siliconix SIP12110DB Datasheet HTML 8Page - Vishay Siliconix SIP12110DB Datasheet HTML 9Page - Vishay Siliconix SIP12110DB Datasheet HTML 10Page - Vishay Siliconix SIP12110DB Datasheet HTML 11Page - Vishay Siliconix SIP12110DB Datasheet HTML 12Page - Vishay Siliconix SIP12110DB Datasheet HTML 13Page - Vishay Siliconix SIP12110DB Datasheet HTML 14Page - Vishay Siliconix SIP12110DB Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SiP12110
www.vishay.com
Vishay Siliconix
S20-0484-Rev. B, 29-Jun-2020
11
Document Number: 64299
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 23 - PGOOD Window and Timing Diagram
V
ref (0.6 V)
V
FB
V
FB_Rising_Vth_OV
(typ. = 0.725 V)
V
FB_Falling_Vth_OV
(typ. = 0.675 V)
V
FB_Falling_Vth_UV
(typ. = 0.525 V)
V
FB_Rising_Vth_UV
(typ. = 0.575 V)
PG
Pull-high
Pull-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com