Electronic Components Datasheet Search
  English  ▼

X  

SIP32402A Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIP32402A
Description  1.1 V to 5.5 V, Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32402A Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIP32402A Datasheet HTML 5Page - Vishay Siliconix SIP32402A Datasheet HTML 6Page - Vishay Siliconix SIP32402A Datasheet HTML 7Page - Vishay Siliconix SIP32402A Datasheet HTML 8Page - Vishay Siliconix SIP32402A Datasheet HTML 9Page - Vishay Siliconix SIP32402A Datasheet HTML 10Page - Vishay Siliconix SIP32402A Datasheet HTML 11Page - Vishay Siliconix SIP32402A Datasheet HTML 12Page - Vishay Siliconix SIP32402A Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SiP32401A, SiP32402A
www.vishay.com
Vishay Siliconix
S15-1246-Rev. D, 01-Jun-15
10
Document Number: 63705
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
It then follows that, assuming an ambient temperature of
70 °C, the maximum power dissipation will be limited to
about 324 mW.
So long as the load current is below the 2.8 A limit, the
maximum continuous switch current becomes a function of
two things: the package power dissipation and the RDS(on) at
the ambient temperature.
As an example let us calculate the worst case maximum
load current at TA = 70 °C. The worst case RDS(on) at 25 °C
occurs at an input voltage of 1.2 V and is equal to 76 m
Ω.
The RDS(on) at 70 °C can be extrapolated from this data using
the following formula:
RDS(on) (at 70 °C) = RDS(on) (at 25 °C) x (1 + TC x DT)
Where TC is 4250 ppm/°C. Continuing with the calculation
we have
RDS(on) (at 70 °C) = 76 m
Ω x (1 + 0.00425 x (70 °C - 25 °C))
= 90.5 m
Ω
The maximum current limit is then determined by
which in case is 1.9 A. Under the stated input voltage
condition, if the 1.9 A current limit is exceeded the internal
die temperature will rise and eventually, possibly damage
the device.
Recommended Board Layout
For the best performance, all traces should be as short as
possible to minimize the inductance and parasitic effects.
The input and output capacitors should be kept as close
as possible to the input and output pins respectively.
Connecting the central exposed pad to GND, using wide
traces for input, output, and GND help reducing the case to
ambient thermal impedance.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?63705.
(on)
(max.)
(max.)
DS
LOAD
R
P
I<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com