Electronic Components Datasheet Search
  English  ▼

X  

SIP32429 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIP32429
Description  28 V, 56 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32429 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIP32429 Datasheet HTML 8Page - Vishay Siliconix SIP32429 Datasheet HTML 9Page - Vishay Siliconix SIP32429 Datasheet HTML 10Page - Vishay Siliconix SIP32429 Datasheet HTML 11Page - Vishay Siliconix SIP32429 Datasheet HTML 12Page - Vishay Siliconix SIP32429 Datasheet HTML 13Page - Vishay Siliconix SIP32429 Datasheet HTML 14Page - Vishay Siliconix SIP32429 Datasheet HTML 15Page - Vishay Siliconix SIP32429 Datasheet HTML 16Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SiP32419, SiP32429
www.vishay.com
Vishay Siliconix
S21-0021-Rev. H, 18-Jan-2021
12
Document Number: 63939
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION INFORMATION
Input Capacitor
While bypass capacitors at the inputs pins are not required,
a 2.2 μF or larger capacitors for CIN is recommended in
almost all applications. The bypass capacitors should be
placed as physically close to the device’s input pins to be
effective to minimize transients on the input. Ceramic
capacitors are recommended over tantalum because of
their ability to withstand input current surges from low
impedance sources such as batteries.
Output Capacitor
The device does not require an output capacitor for
proper operation. A proper value COUT is recommended
to
accommodate
load
transient
per
circuit
design
requirements. There are no ESR or capacitor type
requirements.
Over Temperature Shutdown
In case an over temperature event happens, the SiP32419
and SiP32429 will turn the switch off immediately. The
SiP32429 will then retry to start 150 ms after the
temperature is back to normal; during this period, FLG will
be pulled low. The SiP32429 FLG will be pulled high 150 ms
after the OT event has finished. The SiP32419 will remain off
and not retry to start, FLG will remain to be pulled low.
Thermal Consideration
SiP32419 and SiP23429 are designed to maintain a
constant output load current. Due to physical limitations of
the layout and assembly of the device the maximum switch
current should be kept at reasonably safe level. However,
another limiting characteristic of the safe operating load
current is the thermal power dissipation.
SOA
Fig. 33 - SOA on Application Board
Fig. 34 - Application Board Layout
0.01
0.1
1
10
0.01
0.1
1
10
100
V
DS (V)
25 °C ambient
single pulse
1 ms
DC
10 ms
100 ms
1 s
10 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com