Electronic Components Datasheet Search
  English  ▼

X  

SIP32453 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SIP32453
Description  0.9 V to 2.5 V, 55 mΩ Load Switch in WCSP4
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32453 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SIP32453 Datasheet HTML 3Page - Vishay Siliconix SIP32453 Datasheet HTML 4Page - Vishay Siliconix SIP32453 Datasheet HTML 5Page - Vishay Siliconix SIP32453 Datasheet HTML 6Page - Vishay Siliconix SIP32453 Datasheet HTML 7Page - Vishay Siliconix SIP32453 Datasheet HTML 8Page - Vishay Siliconix SIP32453 Datasheet HTML 9Page - Vishay Siliconix SIP32453 Datasheet HTML 10Page - Vishay Siliconix SIP32453 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SiP32451, SiP32452, SiP32453
www.vishay.com
Vishay Siliconix
S20-0528-Rev. E, 06-Jul-2020
7
Document Number: 63315
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Fig. 21 - Rise Time vs. Temperature
Fig. 22 - Turn-Off Delay Time vs. Temperature
TYPICAL WAVEFORMS
Fig. 23 - Turn-On Time (VIN = 1.2 V)
Fig. 24 - SiP32451 and SiP32452 Turn-Off Time (VIN = 1.2 V)
Fig. 25 - SiP32453 Turn-Off Time (VIN = 1.2 V)
Fig. 26 - Turn-On Time (VIN = 2.5 V)
Temperature (°C)
5
6
7
8
9
10
11
12
13
14
-40
-20
0
20
40
60
80
100
V
IN = 2.5 V
C
L = 0.1 μF
R
L = 10 Ω
60
70
80
90
100
110
120
-40
-20
0
20406080
100
Temperature (°C)
SiP32453
V
IN = 2.5 V
C
L = 0.1 μF
R
L = 10 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com