Electronic Components Datasheet Search
  English  ▼

X  

SIP32460 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP32460
Description  50 mΩ, Slew Rate Controlled Load Switch in WCSP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP32460 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP32460 Datasheet HTML 1Page - Vishay Siliconix SIP32460 Datasheet HTML 2Page - Vishay Siliconix SIP32460 Datasheet HTML 3Page - Vishay Siliconix SIP32460 Datasheet HTML 4Page - Vishay Siliconix SIP32460 Datasheet HTML 5Page - Vishay Siliconix SIP32460 Datasheet HTML 6Page - Vishay Siliconix SIP32460 Datasheet HTML 7Page - Vishay Siliconix SIP32460 Datasheet HTML 8Page - Vishay Siliconix SIP32460 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SiP32460, SiP32461, SiP32462
www.vishay.com
Vishay Siliconix
S20-0532-Rev. E, 06-Jul-2020
1
Document Number: 67754
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
50 m
, Slew Rate Controlled Load Switch in WCSP
DESCRIPTION
The SiP32460, SiP32461, and SiP32462 are slew rate
controlled integrated high side load switches that operate
over the input voltage range from 1.2 V to 5.5 V.
This series of design features slew rate control, reverse
blocking when switch is off, output discharge, and control
logic pulldown. The devices are logic high enabled.
The SiP32460, SIP32461, and SiP32462 are available
in
compact
wafer
level
WCSP
package,
WCSP4
0.76 mm x 0.76 mm with 0.4 mm pitch.
FEATURES
• Low input voltage, 1.2 V to 5.5 V
•Low Ron, 54 m/typ. at 3 V
• Slew rate control
• Compatible with 1.2 V to 3.3 V logic
• 7.5 μs turn-on time at 5 V (SiP32462)
• Reverse current blocking when switch is off
• Integrated output discharge switch (SiP32461)
• Integrated pulldown resistor at “EN”
• For enable “low” see SiP32467 and SiP32468
• 4-bump WCSP package
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Smart phones
• GPS and portable media players
• Tablet computers
• Medical and healthcare equipment
• Industrial and instrumentation
• Game consoles
TYPICAL APPLICATION CIRCUIT
Fig. 1 - Typical Application Circuit
Available
ORDERING INFORMATION
PART NUMBER
PACKAGE
ton
(μs)
RDISCHARGE
MARK CODE
TEMPERATURE RANGE
SiP32460DB-T2-GE1
WCSP4 (2x2), 0.4 mm pitch
300
No
AF
-40 °C to +85 °C
SiP32461DB-T2-GE1
WCSP4 (2x2), 0.4 mm pitch
300
Yes
AG
-40 °C to +85 °C
SiP32462DB-T2-GE1
WCSP4 (2x2), 0.4 mm pitch
7.5
No
AH
-40 °C to +85 °C
SiP32460, SiP32461, SiP32462
IN
VOUT
OUT
VIN
GND
GND
GND
EN
EN
CIN
COUT


Similar Part No. - SIP32460

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SiP32460 VISHAY-SiP32460 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32460DB-T2-GE1 VISHAY-SIP32460DB-T2-GE1 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SiP32460DB-T2-GE1 VISHAY-SiP32460DB-T2-GE1 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
More results

Similar Description - SIP32460

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
423Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Vishay Siliconix
SIP32460 VISHAY-SIP32460 Datasheet
495Kb / 16P
50 m, Slew Rate Controlled Load Switch in WCSP
03-Jun-13
SIP32467 VISHAY-SIP32467 Datasheet
503Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32461 VISHAY-SIP32461 Datasheet
608Kb / 14P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
28-Apr-14
SIP32467 VISHAY-SIP32467_V01 Datasheet
522Kb / 13P
50 mΩ, Slew Rate Controlled Load Switch in WCSP
06-Jul-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com