Electronic Components Datasheet Search
  English  ▼

X  

SIP4282A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIP4282A
Description  1.2 A Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282A Datasheet(HTML) 3 Page - Vishay Siliconix

  SIP4282A Datasheet HTML 1Page - Vishay Siliconix SIP4282A Datasheet HTML 2Page - Vishay Siliconix SIP4282A Datasheet HTML 3Page - Vishay Siliconix SIP4282A Datasheet HTML 4Page - Vishay Siliconix SIP4282A Datasheet HTML 5Page - Vishay Siliconix SIP4282A Datasheet HTML 6Page - Vishay Siliconix SIP4282A Datasheet HTML 7Page - Vishay Siliconix SIP4282A Datasheet HTML 8Page - Vishay Siliconix SIP4282A Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SiP4282, SiP4282A
www.vishay.com
Vishay Siliconix
S20-0532-Rev. H, 06-Jul-2020
3
Document Number: 65740
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing
c. Part requires minimum start-up of VIN  2 V to ensure operation down to 1.8 V
d. For VIN outside this range consult typical on / off threshold curve
PIN CONFIGURATION
Fig. 2 - PPAK SC75-6 Package
Fig. 3 - TDFN4 1.2 mm x 1.6 mm Package
On / off input high voltage d
VIH
VIN  1.5 V to < 2.7 V
1.3
-
-
V
VIN  2.7 V to < 4.2 V
1.5
-
-
VIN  4.2 V to  5.5 V
1.8
-
-
On / off input leakage
ISINK
VOn / off = 5.5 V
-
-
1
μA
Output pulldown resistance
RPD
On / off = Inactive, TA = 25 °C
-
180
250
SiP4282xxx3 and SiP4282Axxx3 Versions
Output turn-on delay time
td(on)
VIN = 5 V, RLOAD = 10 , TA = 25 °C
-
20
40
μs
Output turn-on rise time
t(on)
VIN = 5 V, RLOAD = 10 , TA = 25 °C
-
140
180
Output turn-off delay time
td(off)
VIN = 5 V, RLOAD = 10 , TA = 25 °C
-
4
10
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
VIN = 5, TA = -40 °C to +85 °C
(typical values are at TA = 25 °C)
LIMITS
-40 °C to +85 °C
UNIT
MIN. a
TYP. b
MAX. a
IN
IN
GND
OUT
ON/OFF
OUT
4
5
6
1
2
3
Bottom View
4
3
1
2
Bottom View
ON/OFF
IN
OUT
GND
GND
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
PPAK
TDFN4
1, 2
3
IN
This pin is the p-channel MOSFET source connection. Bypass to ground through a 1 μF capacitor
3
2
GND
Ground connection
4
4
ON/OFF
Enable input
5, 6
1
OUT
This pin is the p-channel MOSFET drain connection. Bypass to ground through a 0.1 μF capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com