Electronic Components Datasheet Search
  English  ▼

X  

SIP4282 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SIP4282
Description  1.2 A Slew Rate Controlled Load Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP4282 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SIP4282 Datasheet HTML 5Page - Vishay Siliconix SIP4282 Datasheet HTML 6Page - Vishay Siliconix SIP4282 Datasheet HTML 7Page - Vishay Siliconix SIP4282 Datasheet HTML 8Page - Vishay Siliconix SIP4282 Datasheet HTML 9Page - Vishay Siliconix SIP4282 Datasheet HTML 10Page - Vishay Siliconix SIP4282 Datasheet HTML 11Page - Vishay Siliconix SIP4282 Datasheet HTML 12Page - Vishay Siliconix SIP4282 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SiP4282, SiP4282A
www.vishay.com
Vishay Siliconix
S20-0532-Rev. H, 06-Jul-2020
9
Document Number: 65740
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package / tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?65740.
PRODUCT SUMMARY
Part number
SiP4282
SiP4282
SiP4282A
SiP4282A
Description
1.8 V to 5.5 V, 105 m
,
100 μs rise time, with
UVLO
1.8 V to 5.5 V, 105 m
,
100 μs rise time, with
UVLO
1.5 V to 5.5 V, 105 m
,
100 μs rise time
1.5 V to 5.5 V, 105 m
,
100 μs rise time
Configuration
Single
Single
Single
Single
Slew rate time (μs)
140
140
140
140
On delay time (μs)
20
20
20
20
Input voltage min. (V)
1.8
1.8
1.5
1.5
Input voltage max. (V)
5.5
5.5
5.5
5.5
On-resistance at input voltage min. (m
)
230
230
350
350
On-resistance at input voltage max. (m
)
105
105
105
105
Quiescent current at input voltage min. (μA)
1
1
0.00001
0.00001
Quiescent current at input voltage max. (μA)
2.5
2.5
0.00005
0.00005
Output discharge (yes / no)
Yes
Yes
Yes
Yes
Reverse blocking (yes / no)
No
No
No
No
Continuous current (A)
1.2
1.2
1.2
1.2
Package type
TDFN4
PowerPAK SC-75-6
TDFN4
PowerPAK SC-75-6
Package size (W, L, H) (mm)
1.2 x 1.6 x 0.5
0.75 x 1.6 x 0.5
1.2 x 1.6 x 0.5
0.75 x 1.6 x 0.5
Status code
22
22
Product type
Slew rate
Slew rate
Slew rate
Slew rate
Applications
Computers,
consumer, industrial,
healthcare,
networking, portable
Computers,
consumer, industrial,
healthcare,
networking, portable
Computers,
consumer, industrial,
healthcare,
networking, portable
Computers,
consumer, industrial,
healthcare,
networking, portable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com