Electronic Components Datasheet Search
  English  ▼

X  

MAX5083 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5083
Description  1.5A, 40V, MAXPower Step-Down DC-DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5083 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5083 Datasheet HTML 1Page - Maxim Integrated Products MAX5083 Datasheet HTML 2Page - Maxim Integrated Products MAX5083 Datasheet HTML 3Page - Maxim Integrated Products MAX5083 Datasheet HTML 4Page - Maxim Integrated Products MAX5083 Datasheet HTML 5Page - Maxim Integrated Products MAX5083 Datasheet HTML 6Page - Maxim Integrated Products MAX5083 Datasheet HTML 7Page - Maxim Integrated Products MAX5083 Datasheet HTML 8Page - Maxim Integrated Products MAX5083 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
(VIN = VON/OFF = 12V, VREG = VDVREG, VSYNC = PGND = SGND, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values
are at TA = + 25°C.) (Note 1)
Note 1: 100% production tested at TA = +25°C and TA = +125°C. Limits at -40°C are guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Frequency
fSW
VSYNC = 0V
225
250
275
kHz
Maximum Duty Cycle
DMAX
VSYNC = 0V, VIN = 4.5V, MAX5082
87
%
VSYNC = 0V, VIN = 7.5V, MAX5083
87
VSYNC = 0V, VIN ≤ 40V
87
SYNC High-Level Voltage
2.2
V
SYNC Low-Level Voltage
0.8
V
SYNC Frequency Range
fSYNC
150
350
kHz
PWM Modulator Gain
fSYNC = 150kHz to 350kHz
10
V/V
Ramp Level Shift (Valley)
0.3
V
POWER SWITCH
Switch On-Resistance
VBST - VLX = 6V
0.3
0.6
Ω
Switch Gate Charge
VBST - VLX = 6V
6
nC
Switch Leakage Current
VIN = 40V, VLX = VBST = 0V
10
µA
BST Leakage Current
VBST = VLX = VIN = 40V
10
µA
CHARGE PUMP
C- Output Voltage Low
MAX5082 only, sinking 10mA
0.1
V
C- Output Voltage High
MAX5082 only, relative to DVREG,
sourcing 10mA
0.1
V
DVREG to C+ On-Resistance
MAX5082 only, sourcing 10mA
10
Ω
LX to PGND On-Resistance
Sinking 10mA
12
Ω
CURRENT-LIMIT COMPARATOR
Pulse-Skip Threshold
IPFM
100
200
300
mA
Cycle-by-Cycle Current Limit
IILIM
1.9
2.7
3.5
A
Number of Consecutive ILIM
Events to Hiccup
4
Hiccup Timeout
512
Clock
periods
INTERNAL VOLTAGE REGULATOR
Output Voltage
VREG
MAX5082
4.75
5
5.25
V
MAX5083
7.6
8
8.4
Line Regulation
VIN = 5.5V to 40V, MAX5082
1
mV/V
VIN = 9.0V to 40V, MAX5083
1
Load Regulation
IREG = 0 to 20mA
0.25
V
Dropout Voltage
VIN = 4.5V, IREG = 20mA, MAX5082
0.5
V
VIN = 4.5V, IREG = 20mA, MAX5083
0.5
THERMAL SHUTDOWN
Thermal Shutdown Temperature
Temperature rising
+160
°C
Thermal Shutdown Hysteresis
20
°C
MAX5082/MAX5083
1.5A, 40V, MAXPower Step-Down
DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com