Electronic Components Datasheet Search
  English  ▼

X  

8083389 Datasheet(PDF) 3 Page - Festo Corporation.

Part # 8083389
Description  Ball Screw axis unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083389 Datasheet(HTML) 3 Page - Festo Corporation.

  8083389 Datasheet HTML 1Page - Festo Corporation. 8083389 Datasheet HTML 2Page - Festo Corporation. 8083389 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
IO-Link®, port class
A
IO-Link®, number of ports
1
IO-Link®, process data width OUT
2 Byte
IO-Link®, process data content OUT
1 bit (move in)
1 bit (move out)
1 bit (quit error)
IO-Link®, process data width IN
2 Byte
IO-Link®, process data content IN
1 bit (state device)
1 bit (state move)
1 bit (state in)
1 bit (state out)
IO-Link®, service data contents IN
32 bit force
32 bit position
32 bit speed
IO-Link®, minimum cycle time
1 ms
IO-Link®, data memory required
500 byte
Max. cable length
15 m outputs
15 m inputs
20 m for IO-Link® operation
Switching logic at outputs
PNP (positive switching)
Input switching logic
PNP (positive switching)
IO-Link®, Connection technology
Plug
Logic interface, connection type
Plug
Logic interface, connection technology
M12x1, A-coded as per EN 61076-2-101
Logic interface, number of poles/wires
8
Logic interface, connection pattern
00992264
Material of end caps
Die cast aluminum, painted
Profile material
Wrought aluminum alloy, anodized
Note on materials
RoHS-compliant
Cover strip material
High-alloy stainless steel
Drive cover material
Die cast aluminum, painted
Slide carriage material
Steel
Guide rail material
Steel
Slide material
Die-cast aluminum
Spindle nut material
Steel
Spindle material
Steel
5/2/22 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com