Electronic Components Datasheet Search
  English  ▼

X  

8083934 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8083934
Description  Toothed belt axis unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083934 Datasheet(HTML) 1 Page - Festo Corporation.

  8083934 Datasheet HTML 1Page - Festo Corporation. 8083934 Datasheet HTML 2Page - Festo Corporation. 8083934 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Toothed belt axis unit
ELGE-TB-35-400-0H-ST-M-H1-PLK-AA-AT-FR
Part number: 8083934
Data sheet
Feature
Value
Drive pinion effective diameter
18.46 mm
Working stroke
400 mm
Size
35
Toothed belt elongation
0.094 %
Toothed belt pitch
2 mm
Mounting position
Horizontal
Guide
Recirculating ball bearing guide
Structural design
Electromechanical linear axis
with toothed belt
With integrated drive
Motor type
Stepper motor
Symbol
00997293
Position sensing
Motor encoder
For proximity sensor
Homing
Fixed stop block positive
Fixed stop block, negative
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor measuring principle
Magnetic
Temperature monitoring
Shutdown in the event of over temperature
Integrated precise CMOS temperature sensor with analogue output
Additional functions
User interface
Integrated end-position sensing
Display
LED
Ready status indication
LED
Max. acceleration
8.5 m/s²
Max. speed
1.2 m/s
Repetition accuracy
±0.1 mm
Characteristics of digital logic outputs
Configurable
Not galvanically isolated
Duty cycle
100%
Insulation protection class
B
Max. current of digital logic outputs
100 mA
Max. current consumption
5300 mA
DC nominal voltage
24 V
Nominal current
5.3 A
Parameterization interface
IO-Link®
User interface
Rotor position sensor resolution
16 bit
5/3/22 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8083934

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8083931 FESTO-8083931 Datasheet
118Kb / 3P
Toothed belt axis unit
5/3/22
8083932 FESTO-8083932 Datasheet
118Kb / 3P
Toothed belt axis unit
5/3/22
8083933 FESTO-8083933 Datasheet
117Kb / 3P
Toothed belt axis unit
5/3/22
8083935 FESTO-8083935 Datasheet
115Kb / 3P
Toothed belt axis unit
5/3/22
8083936 FESTO-8083936 Datasheet
113Kb / 3P
Toothed belt axis unit
5/3/22
More results

Similar Description - 8083934

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8083570 FESTO-8083570 Datasheet
108Kb / 3P
Toothed belt axis unit
5/2/22
8083573 FESTO-8083573 Datasheet
107Kb / 3P
Toothed belt axis unit
5/2/22
8083574 FESTO-8083574 Datasheet
107Kb / 3P
Toothed belt axis unit
5/2/22
8083575 FESTO-8083575 Datasheet
105Kb / 3P
Toothed belt axis unit
5/2/22
8083666 FESTO-8083666 Datasheet
108Kb / 3P
Toothed belt axis unit
5/2/22
8083667 FESTO-8083667 Datasheet
107Kb / 3P
Toothed belt axis unit
5/2/22
8083668 FESTO-8083668 Datasheet
107Kb / 3P
Toothed belt axis unit
5/2/22
8083672 FESTO-8083672 Datasheet
100Kb / 3P
Toothed belt axis unit
5/2/22
8083931 FESTO-8083931 Datasheet
118Kb / 3P
Toothed belt axis unit
5/3/22
8083936 FESTO-8083936 Datasheet
113Kb / 3P
Toothed belt axis unit
5/3/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com