Electronic Components Datasheet Search
  English  ▼

X  

P20C2405BS Datasheet(PDF) 2 Page - HY-LINE Power Components

Part # P20C2405BS
Description  20 W DC-DC Converter P20CxxxxBx-Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY-LINE [HY-LINE Power Components]
Direct Link  https://www.hy-line-group.com
Logo HY-LINE - HY-LINE Power Components

P20C2405BS Datasheet(HTML) 2 Page - HY-LINE Power Components

  P20C2405BS Datasheet HTML 1Page - HY-LINE Power Components P20C2405BS Datasheet HTML 2Page - HY-LINE Power Components P20C2405BS Datasheet HTML 3Page - HY-LINE Power Components P20C2405BS Datasheet HTML 4Page - HY-LINE Power Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
20 W DC-DC Converter P20CxxxxBx-Series
Deutschland:
Schweiz:
Inselkammerstraße 10
Hochstrasse 355
D-82008 Unterhaching
CH-8200 Schaffhausen
Tel.: 089 614 503-10
Tel.: 052 647 42 00
E-Mail: power@hy-line.de
E-Mail: power@hy-line.ch
Notes:
1.
All parameter are typical at 25 °C, nominal input voltage and full load specified, unless otherwise noted.
2.
Capacitive load tested by minimal input voltage and constant resistive load.
3.
An external filter is required to meet EFT standard IEC 61000-4-4 and IEC 61000-4-5. (see Figue 4)
Figure 2 Measure circuit input ripple current
Figure 3
A) Single output measure circuit output ripple & noise voltage
B) Dual output measure circuit output ripple & noise voltage
Figure 4 Application circuit to meet EFT standard IEC61000-4-4 and IEC61000-4-5
Page 2 of 4
Type
Cin
TVS Diode
P20C24xxBx
330 µF
58 V, 3 kW
P20C48xxBx
330 µF
120 V, 3 kW
47 µF +
+Vin
Load
-Vout
-Vin
+Vout
12 µH
Measure point
DC
DC
ESR <1 Ω
@ 100 kHz
RL
10 µF
1 µF
+Vin
-Vout
+Vout
DC
DC
GND
CH1
-Vin/GND
RL
RL
1 µF
1 µF
10 µF
10 µF
+Vin
GND
-Vout
-Vin/GND
+Vout
DC
DC
CH1
CH2
COM
TVS
Load
+Vin
-Vin/GND
-Vout
+Vout
DC
DC
Cin
To meet the specified ripple and noise
level are for the output filter circuit
multilayer ceramic capacitors necessary.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com