Electronic Components Datasheet Search
  English  ▼

X  

SIC413 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC413
Description  microBUCK® SiC413 4 A, 26 V Integrated Synchronous Buck Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC413 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC413 Datasheet HTML 1Page - Vishay Siliconix SIC413 Datasheet HTML 2Page - Vishay Siliconix SIC413 Datasheet HTML 3Page - Vishay Siliconix SIC413 Datasheet HTML 4Page - Vishay Siliconix SIC413 Datasheet HTML 5Page - Vishay Siliconix SIC413 Datasheet HTML 6Page - Vishay Siliconix SIC413 Datasheet HTML 7Page - Vishay Siliconix SIC413 Datasheet HTML 8Page - Vishay Siliconix SIC413 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Vishay Siliconix
SiC413
www.vishay.com
2
Document Number: 69057
S09-2250-Rev. D, 26-Oct-09
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
End of Life. Last Available Purchase Date is 31-Dec-2014
PIN CONFIGURATION
FUNCTIONAL BLOCK DIAGRAM
Figure 2. SO-8 Pin Out - Top View
1
2
3
4
8
7
6
5
FB
VIN
VREG
GND
VSW
BOOT
EN
COMP
PIN DESCRIPTION
Pin Number
Symbol
Description
1COMP
Error amplifier output. Connects to the compensation network.
2
EN
Chip enable pin. Active HIGH. Connects to a power source through a 10K to100K resistor to enable.
3
BOOT
Connect to 0.1 µF capacitor from VSW to BOOT to power the high side gate driver.
4VSW
Inductor Connection. Connect an output filter inductor to this pin. VSW is high impedance when the IC is
in shutdown mode.
5
GND
GROUND pin.
6VIN
Supply voltage.
7VREG
Internal regulator output. An external 4.7 µF decoupling capacitor is required at this pin.
8
FB
Output voltage feedback input.
ORDERING INFORMATION
Part Number
Package
SiC413CB-T1-E3
SO-8 (6.2 x 5 x 1.75 mm)
SiC413DB
Reference board
Figure 3. Functional Block Diagram
EN
UVLO
VIN
BOOT
GND
Control logic
and active
dead time
VSW
Shutdown
control
OTP
OVP
FB
VREG
PWM
GM
FOSC
5.5 VREG
Over
current
COMP
VREG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com