Electronic Components Datasheet Search
  English  ▼

X  

SIC403DB Datasheet(PDF) 21 Page - Vishay Siliconix

Part # SIC403DB
Description  6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC403DB Datasheet(HTML) 21 Page - Vishay Siliconix

Back Button SIC403DB Datasheet HTML 17Page - Vishay Siliconix SIC403DB Datasheet HTML 18Page - Vishay Siliconix SIC403DB Datasheet HTML 19Page - Vishay Siliconix SIC403DB Datasheet HTML 20Page - Vishay Siliconix SIC403DB Datasheet HTML 21Page - Vishay Siliconix SIC403DB Datasheet HTML 22Page - Vishay Siliconix SIC403DB Datasheet HTML 23Page - Vishay Siliconix SIC403DB Datasheet HTML 24Page - Vishay Siliconix SIC403DB Datasheet HTML 25Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
SiC403A, SiC403BCD
www.vishay.com
Vishay Siliconix
S20-0483-Rev. C, 29-Jun-2020
21
Document Number: 62768
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LAYOUT CONSIDERATIONS
The SiC40x family of footprint compatible 15 A, 10 A, and
6 A products offers the designer a scalable buck regulator
solution. If the below layout recommendations are followed,
the same layout can be used to cover a wide range of output
currents and voltages without any changes to the board
design and only minor changes to the component values in
the schematic.
The reference design has a majority of the components
placed on the top layer. This allows for easy assembly and
straightforward layout.
Fig. 19 outlines the pointers for the layout considerations
and the explanations follow.
Fig. 19 - Reference Design Pointers
1. Place input ceramic capacitors close to the voltage input
pins with a small 10 nF/100 nF placed as close as the
design rules will allow. This will help reduce the size of
the input high frequency current loop and consequently
reduce the high frequency ripple noise seen at the input
and the LX node.
2. Place the setup and control passive devices logically
around the IC with the intention of placing a quiet ground
plane beneath them on a secondary layer.
3. It is advisable to use ceramic capacitors at the output to
reduce impedance. Place these as close to the IC PGND
and output voltage node as design will allow. Place a
small 10 nF/100 nF ceramic capacitor closest to the IC
and inductor loop.
4. The loop between LX, VOUT and the IC GND should be as
compact as possible. This will lower series resistance
and also make the current loop smaller enabling the high
frequency response of the output capacitors to take
effect.
5. The output impedance should be small when high
current is required; use high current traces, multiple
layers can be used with many vias.
6. Use many vias when multiple layers are involved. This
will have the effect of lowering the resistance between
layers and reducing the via inductance of the PCB nets.
7. If a voltage injection network is needed then place it near
to the inductor LX node.
8. PGND can be used on internal layers if the resistance of
the PCB is to be small; this will also help remove heat.
Use extra vias if needed but be mindful to allow a path
between the vias.
9. A quiet plane should be employed for the AGND, this is
placed under the small signal passives. This can be
placed on multiple layers if needed for heat removal. This
should be connected to the PGND plane near to the input
GND at one connection only of at least 1 mm width.
10. The LX copper can also be used on multiple layers, use
a number of vias.
11. The copper area beneath the inductor has been removed
(on all layers) in this design to reduce the inductive
coupling that occurs between the inductor and the GND
trace. No other voltage planes should be placed under
this area.
0V
VIN
VOUT
LX
4
10
11
2
7
0V
VIN
VOUT
3
6
1
8
9
SiC40X
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com