Electronic Components Datasheet Search
  English  ▼

X  

SIC414DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC414DB
Description  6 A, microBUCK® SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC414DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC414DB Datasheet HTML 1Page - Vishay Siliconix SIC414DB Datasheet HTML 2Page - Vishay Siliconix SIC414DB Datasheet HTML 3Page - Vishay Siliconix SIC414DB Datasheet HTML 4Page - Vishay Siliconix SIC414DB Datasheet HTML 5Page - Vishay Siliconix SIC414DB Datasheet HTML 6Page - Vishay Siliconix SIC414DB Datasheet HTML 7Page - Vishay Siliconix SIC414DB Datasheet HTML 8Page - Vishay Siliconix SIC414DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SiC414, SiC424
www.vishay.com
Vishay Siliconix
S20-0483-Rev. D, 29-Jun-2020
2
Document Number: 63388
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PIN CONFIGURATION (top view)
PIN DESCRIPTION
PIN NUMBER
SYMBOL
DESCRIPTION
1FB
Feedback input for switching regulator used to program the output voltage - connect to an external
resistor divider from VOUT to AGND
2V5V
Bias input for internal analog circuits and gate drives - connect to external 3 V or 5 V supply or bias
connection to VLDO
3, 26, PAD 1
AGND
Analog ground
4VOUT
Switcher output voltage sense pin, and also the input to the internal switch-over between VOUT and VLDO
5, 8 to 11, PAD 2
VIN
Input supply voltage
6VLDO
5 V LDO output
7BST
Bootstrap pin - connect a capacitor from BST to LXBST to develop the floating supply for the high side
gate drive
12
LXBST
LX Boost - connect to the BST capacitor
15, 20, 21, PAD 3
LX
Switching (Phase) node
13, 14, 16 to 19
PGND
Power ground
22
PGOOD
Open-drain power good indicator. High impedance indicates power is good. An external pull-up resistor
is required
23
ILIM
Current limit sense pin - used to program the current limit by connecting a resistor from ILIM to LXS
24
LXS
LX sense - connect to RILIM resistor
25
EN / PSV
Enable / power save input for the switching regulator - connect to AGND to disable the switching regulator.
Float to operate in forced continuous mode (power save disabled).
For SiC414, connect to V5V to operate with ultrasonic power save mode enabled.
For SiC424, connect to V5V to operate with power save mode enabled with no minimum frequency
27
tON
On-time programming input - set the on-time by connecting through a resistor to AGND
28
ENL
Enable input for the LDO - connect ENL to AGND to disable the LDO. Drive with logic to +3 V for logic
control, or program the VIN UVLO with a resistor divider between VIN, ENL, and AGND
ORDERING INFORMATION
PART NUMBER
PACKAGE
SiC414CD-T1-GE3
PowerPAK MLP28-44GW
SiC424CD-T1-GE3
PowerPAK MLP28-44GW
SiC414DB
Reference board
PAD1
AGND
BST
VLDO
VIN
VOUT
AGND
V5V
FB
PAD3
LX
PAD2
VIN
1
2
3
4
5
7
6
LX
PGND
PGND
PGND
PGND
LX
LX
15
16
17
18
19
20
21
28 27 26 25
24 23 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com