Electronic Components Datasheet Search
  English  ▼

X  

HS3140 Datasheet(PDF) 7 Page - Sipex Corporation

Part # HS3140
Description  14-Bit Multiplying DACs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

HS3140 Datasheet(HTML) 7 Page - Sipex Corporation

  HS3140 Datasheet HTML 1Page - Sipex Corporation HS3140 Datasheet HTML 2Page - Sipex Corporation HS3140 Datasheet HTML 3Page - Sipex Corporation HS3140 Datasheet HTML 4Page - Sipex Corporation HS3140 Datasheet HTML 5Page - Sipex Corporation HS3140 Datasheet HTML 6Page - Sipex Corporation HS3140 Datasheet HTML 7Page - Sipex Corporation HS3140 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Corporation
SIGNAL PROCESSING EXCELLENCE
165
ORDERING INFORMATION
Model ................................................................ Monotonicity .................................. Temperature Range .................................... Package
Double-Buffered 12-Bit Multiplying DAC
HS3140C-3Q ............................................................ 13-Bit ............................................... 0
°C to +70°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-3Q ............................................................ 13-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-3/883 ....................................................... 13-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140C-4Q ............................................................ 14-Bit ............................................... 0
°C to +70°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-4Q ............................................................ 14-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
HS3140B-4/883 ....................................................... 14-Bit ......................................... -55
°C to +125°C ................... 20-pin, 0.3" Side-Brazed DIP
SP7514JN ................................................................ 13-Bit ............................................... 0
°C to +70°C ...................................... 20-pin, 0.3" SOIC
SP7514KN ............................................................... 14-Bit ............................................... 0
°C to +70°C ...................................... 20-pin, 0.3" SOIC
SP7514AN ............................................................... 13-Bit .......................................... –40
°C to +85°C ...................................... 20-pin, 0.3" SOIC
SP7514BN ............................................................... 14-Bit .......................................... –40
°C to +85°C ...................................... 20-pin, 0.3" SOIC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com