Electronic Components Datasheet Search
  English  ▼

X  

SIC620 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC620
Description  60 A VRPower® Integrated Power Stage
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC620 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC620 Datasheet HTML 1Page - Vishay Siliconix SIC620 Datasheet HTML 2Page - Vishay Siliconix SIC620 Datasheet HTML 3Page - Vishay Siliconix SIC620 Datasheet HTML 4Page - Vishay Siliconix SIC620 Datasheet HTML 5Page - Vishay Siliconix SIC620 Datasheet HTML 6Page - Vishay Siliconix SIC620 Datasheet HTML 7Page - Vishay Siliconix SIC620 Datasheet HTML 8Page - Vishay Siliconix SIC620 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SiC620, SiC620A
www.vishay.com
Vishay Siliconix
S20-0486-Rev. F, 29-Jun-2020
4
Document Number: 62922
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL SPECIFICATIONS
(DSBL# = ZCD_EN# = 5 V, VIN = 12 V, VDRV and VCIN = 5 V, TA = 25 °C)
PARAMETER
SYMBOL
TEST CONDITION
LIMITS
UNIT
MIN.
TYP.
MAX.
POWER SUPPLY
Control logic supply current
IVCIN
VDSBL# = 0 V, no switching
-
12
-
μA
VDSBL# = 5 V, no switching, VPWM = FLOAT
-
300
-
VDSBL# = 5 V, fS = 300 kHz, D = 0.1
-
380
-
Drive supply current
IVDRV
fS = 300 kHz, D = 0.1
-
15
25
mA
fS = 1 MHz, D = 0.1
-
50
-
VDSBL# = 0 V, no switching
-
25
-
μA
VDSBL# = 5 V, no switching
-
60
-
BOOTSTRAP SUPPLY
Bootstrap diode forward voltage
VF
IF = 2 mA
-
-
0.4
V
PWM CONTROL INPUT (SiC620)
Rising threshold
VTH_PWM_R
3.4
3.8
4.2
V
Falling threshold
VTH_PWM_F
0.72
0.9
1.1
Tri-state voltage
VTRI
VPWM = FLOAT
-
2.3
-
Tri-state rising threshold
VTRI_TH_R
0.9
1.15
1.38
Tri-state falling threshold
VTRI_TH_F
33.3
3.6
Tri-state rising threshold hysteresis
VHYS_TRI_R
-
225
-
mV
Tri-state falling threshold hysteresis
VHYS_TRI_F
-
325
-
PWM input current
IPWM
VPWM = 5 V
-
-
350
μA
VPWM = 0 V
-
-
-350
PWM CONTROL INPUT (SiC620A)
Rising threshold
VTH_PWM_R
2.2
2.45
2.7
V
Falling threshold
VTH_PWM_F
0.72
0.9
1.1
Tri-state voltage
VTRI
VPWM = FLOAT
-
1.8
-
Tri-state rising threshold
VTRI_TH_R
0.9
1.15
1.38
Tri-state falling threshold
VTRI_TH_F
1.95
2.2
2.45
Tri-state rising threshold hysteresis
VHYS_TRI_R
-
250
-
mV
Tri-state falling threshold hysteresis
VHYS_TRI_F
-
300
-
PWM input current
IPWM
VPWM = 3.3 V
-
-
225
μA
VPWM = 0 V
-
-
-225
TIMING SPECIFICATIONS
Tri-state to GH/GL rising
propagation delay
tPD_TRI_R
No load, see fig. 4
-30-
ns
Tri-state hold-off time
tTSHO
-
130
-
GH - turn off propagation delay
tPD_OFF_GH
-15-
GH - turn on propagation delay
(dead time rising)
tPD_ON_GH
-10-
GL - turn off propagation delay
tPD_OFF_GL
-12-
GL - turn on propagation delay
(dead time falling)
tPD_ON_GL
-10-
DSBL# Lo to GH/GL falling
propagation delay
tPD_DSBL#_F
Fig. 5
-
15
-
PWM minimum on-time
tPWM_ON_MIN
30
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com