Electronic Components Datasheet Search
  English  ▼

X  

SIC634DB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC634DB
Description  50 A VRPower® Integrated Power Stage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC634DB Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC634DB Datasheet HTML 1Page - Vishay Siliconix SIC634DB Datasheet HTML 2Page - Vishay Siliconix SIC634DB Datasheet HTML 3Page - Vishay Siliconix SIC634DB Datasheet HTML 4Page - Vishay Siliconix SIC634DB Datasheet HTML 5Page - Vishay Siliconix SIC634DB Datasheet HTML 6Page - Vishay Siliconix SIC634DB Datasheet HTML 7Page - Vishay Siliconix SIC634DB Datasheet HTML 8Page - Vishay Siliconix SIC634DB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SiC634
www.vishay.com
Vishay Siliconix
S20-0485-Rev. C, 29-Jun-2020
2
Document Number: 76784
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC634 Pin Configuration
PIN CONFIGURATION
PIN NUMBER
NAME
FUNCTION
1
PWM
PWM input logic
2
ZCD_EN#
The ZCD_EN# pin enables or disables diode emulation. When ZCD_EN# is LOW, diode emulation is
allowed. When ZCD_EN# is HIGH, continuous conduction mode is forced.
ZCD_EN# can also be put in a high impedance mode by floating the pin. If both ZCD_EN# and PWM
are floating, the device shuts down and consumes typically 3 μA (9 μA max.) current
3VCIN
Supply voltage for internal logic circuitry
5
BOOT
High-side driver bootstrap voltage
4, 6, 30, 31
N.C.
Pin 4 can be either left floating or connected to CGND. Internally it is either
connected to GND or not internally connected depending on manufacturing
location.
Factory code “G” on line 3, pin 4 = CGND
Factory code “T” on line 3, pin 4 = not internally connected
7
PHASE
Return path of high-side gate driver
8 to 11, 34
VIN
Power stage input voltage. Drain of high-side MOSFET
12 to 15, 28, 35
PGND
Power ground
16 to 26
VSWH
Phase node of the power stage
27, 33
GL
Low-side MOSFET gate signal
29
VDRV
Supply voltage for internal gate driver
32
CGND
Signal ground
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
OPTION
SiC634CD-T1-GE3
PowerPAK MLP55-31L
SiC634
5 V PWM optimized
SiC634DB
Reference board
N.C.
BOOT
PHASE
V
IN
N.C.
PWM
ZCD_EN#
V
CIN
PGND
VIN
CGND
GL
N.C.
BOOT
PHASE
V
IN
N.C.
PWM
ZCD_EN#
V
CIN
35
P
GND
34
V
IN
32
C
GND
GL
2
1
4
3
6
5
8
7
24
25
26
27
28
29
30
31
15
14
13
12
11
10
9
2
1
4
3
6
5
8
7
15 14 13 12
11 10
9
24 25 26 27 28 29 30 31
V
SWH 23
33
GL
V
SWH 22
V
SWH 21
V
SWH 20
V
SWH 19
V
SWH 18
V
SWH 17
V
SWH 16
23 V
SWH
22 V
SWH
21 V
SWH
20 V
SWH
19 V
SWH
16 V
SWH
18 V
SWH
17 V
SWH
G Y W W
P/N
LL
T Y W W
P/N
LL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com