Electronic Components Datasheet Search
  English  ▼

X  

SIC654 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIC654
Description  50 A VRPower® Integrated Power Stage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC654 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIC654 Datasheet HTML 1Page - Vishay Siliconix SIC654 Datasheet HTML 2Page - Vishay Siliconix SIC654 Datasheet HTML 3Page - Vishay Siliconix SIC654 Datasheet HTML 4Page - Vishay Siliconix SIC654 Datasheet HTML 5Page - Vishay Siliconix SIC654 Datasheet HTML 6Page - Vishay Siliconix SIC654 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 21-Aug-17
1
Document Number: 64909
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PowerPAK® MLP55-31L Case Outline
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.70
0.75
0.80
0.027
0.029
0.031
A1
0.00
-
0.05
0.000
-
0.002
A2
0.20 ref.
0.008 ref.
b
0.20
0.25
0.30
0.078
0.098
0.011
b1
0.15
0.20
0.25
0.006
0.008
0.010
D
4.90
5.00
5.10
0.193
0.196
0.200
e
0.50 BSC
0.019 BSC
e1
3.50 BSC
0.138 BSC
e2
1.50 BSC
0.060 BSC
e3
1.00 BSC
0.040 BSC
E
4.90
5.00
5.10
0.193
0.196
0.200
L
0.35
0.40
0.45
0.013
0.015
0.017
D2-1
0.98
1.03
1.08
0.039
0.041
0.043
D2-2
0.98
1.03
1.08
0.039
0.041
0.043
D2-3
1.87
1.92
1.97
0.074
0.076
0.078
D2-4
0.30 BSC
0.012 BSC
D2-5
1.05
1.10
1.15
0.041
0.043
0.045
E2-1
1.27
1.32
1.37
0.050
0.052
0.054
E2-2
1.93
1.98
2.03
0.076
0.078
0.080
E2-3
3.75
3.80
3.85
0.148
0.150
0.152
E2-4
0.45 BSC
0.018 BSC
F1
0.15
0.20
0.25
0.006
0.008
0.010
F2
0.20 ref.
0.008 ref.
F3
0.15 ref.
0.006 ref.
by marking
Pin 1 dot
Top view
D
MLP55-31L
(5 mm x 5 mm)
Bottom view
Side view
D2- 3
D2- 2
A
0.10 C A
2x
0.10 C B
2x
0.08 C
C
A
A2
A1
B
K7
56
D2- 1
D2-4
K1
K2
K4
K9
D2-5
K12
K13
8x
1
8
1
16
23
31
24
15
9
8
0.10 C
F3
e/25x
b
31x
b1
31x
e3
e2
e1/3x



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com