Electronic Components Datasheet Search
  English  ▼

X  

SIC652ADB Datasheet(PDF) 12 Page - Vishay Siliconix

Part # SIC652ADB
Description  55 A VRPower® Integrated Power Stage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC652ADB Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button SIC652ADB Datasheet HTML 5Page - Vishay Siliconix SIC652ADB Datasheet HTML 6Page - Vishay Siliconix SIC652ADB Datasheet HTML 7Page - Vishay Siliconix SIC652ADB Datasheet HTML 8Page - Vishay Siliconix SIC652ADB Datasheet HTML 9Page - Vishay Siliconix SIC652ADB Datasheet HTML 10Page - Vishay Siliconix SIC652ADB Datasheet HTML 11Page - Vishay Siliconix SIC652ADB Datasheet HTML 12Page - Vishay Siliconix SIC652ADB Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
SiC652
www.vishay.com
Vishay Siliconix
S19-0329-Rev. A, 08-Apr-2019
12
Document Number: 77194
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multi-Phases VRPower PCB Layout
The following is an example of 6 phase layout. As can be seen, all the VRPower stages are lined in X-direction compactly with
decoupling capacitors next to them. The inductors are placed as close as possible to the SiC652 to minimize the PCB copper
loss. Vias are applied on all PADs (VIN, PGND, CGND) of the SiC652 to ensure that both electrical and thermal performance are
optimized. Large copper planes are used for all high current loops, such as VIN, VSWH, VOUT and PGND. These copper planes are
duplicated in other layers to minimize the inductance and resistance. All the control signals are routed from the SiC652 to a
controller placed to the north of the power stage through inner layers to avoid the overlap of high current loops. This achieves
a compact design with the output from the inductors feeding a load located to the south of the design as shown in the figure.
Fig. 10 - Multi-Phase VRPower Layout Top View
Fig. 11 - Multi-Phase VRPower Layout Bottom View
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package / tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?77194
V
OUT
P
GND
V
IN
V
IN
P
GND
V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com