Electronic Components Datasheet Search
  English  ▼

X  

MAX1672EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1672EEE
Description  Step-Up/Down DC-DC Converter in QSOP Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1672EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1672EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1672EEE Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Step-Up/Down DC-DC Converter
in QSOP Package
10
______________________________________________________________________________________
__________Applications Information
Using a Single, Pushbutton On/Off Switch
A single pushbutton switch can be used to turn the
MAX1672 on and off. As shown in Figure 3, ONA is
pulled low and ONB is pulled high when the part is off.
When the momentary switch is pressed, ONB is pulled
low and the regulator turns on. The switch should be on
long enough for the µC to exit reset. The controller
issues a logic high to ONA, which guarantees the part
will stay on regardless of the switch state.
To turn off the regulator, press the switch again. The
controller reads the switch status and pulls ONA low.
When the switch is released, ONB goes high, turning
off the MAX1672.
Thermal Overload Protection
Thermal overload protection limits total power dissipa-
tion in the MAX1672. When the junction temperature
exceeds TJ = +150°C, the pass transistor turns off,
allowing the MAX1672 to cool. The pass transistor turns
on again after the IC’s junction temperature cools by
20°C, resulting in a pulsed output during thermal over-
load conditions.
Thermal overload protection is designed to protect the
MAX1672 if fault conditions occur. It is not intended to
be used as an operating mode. Prolonged operation in
thermal shutdown mode may reduce the IC’s reliability.
For continual operation, do not exceed the absolute
maximum junction temperature rating TJ = +150°C.
Power Dissipation and Operating Region
The MAX1672’s maximum power dissipation in step-
down mode depends on the thermal resistance of the
case and circuit board, the temperature difference
between the die junction and ambient air, and the air
flow rate. The power dissipated in the device is
P = IOUT (VIN - VOUT) during step-down operation. The
maximum power dissipation is as follows:
PMAX = (TJ - TA)/(θJB + θBA)
where (TJ - TA) is the temperature difference between
the MAX1672 die junction and the surrounding air,
θJB
(or
θJC) is the thermal resistance of the package, and
θBA is the thermal resistance throughout the printed cir-
cuit board, copper traces, and other materials to the
surrounding air. The MAX1672’s thermal resistance is
120°C/W. See the Typical Operating Characteristics for
the Maximum Output Current vs. Input Voltage Graph.
Layout Considerations
Proper PC board layout is essential to minimize noise
due to high inductor current levels and fast switching
waveforms. To maximize output power and efficiency
and minimize output ripple voltage and ground noise,
use the following guidelines when designing your
board:
• Use a ground plane.
• Keep the IC’s GND pin and the ground leads of C1
and C2 (Figure 2) less than 0.2in. (5mm) apart.
• Make all connections to the FB and LX pins as short
as possible.
• Solder the IC’s GND pin directly to the ground
plane.
Refer to the MAX1672 EV kit for a suggested PC board
layout.
MAX1672
ONA
ONB
I/O
I/O
OUT
PS
1M
Ω
1M
Ω
VDD
µC
Figure 3. Momentary Pushbutton On/Off Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com