Electronic Components Datasheet Search
  English  ▼

X  

MAX1684EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1684EEE
Description  Low-Noise, 14V Input, 1A, PWM Step-Down Converters
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1684EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1684EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1684EEE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Low-Noise, 14V Input, 1A, PWM
Step-Down Converters
______________________________________________________________________________________
11
The output current capability for each mode is deter-
mined by the following equations:
IOUTMAX = ILIM - 0.5 ✕ IRIPPLE (for PWM and normal
modes)
IOUTMAX = 0.5 ✕ ILIMLP (for low-power mode)
where:
IRIPPLE = ripple current = (VIN - VOUT) ✕ VOUT / (VIN ✕
fOSC ✕ L)
ILIM = current limit in PWM mode
ILIMLP = current limit in low-power mode
Internal Low-Voltage Regulators and
Bootstrap (BOOT)
The MAX1684/MAX1685 have two internal regulators
(VH and VL) that generate low-voltage supplies for
internal circuitry (see the Functional Diagram). The VH
regulator generates -4.6V with respect to IN to supply
the P-channel switch and driver. Bypass CVH to IN with
a 0.1µF capacitor. The VL regulator generates a 3V out-
put at CVL to supply internal low-voltage blocks, as well
as the N-channel switch and driver. Bypass CVL to
AGND with a 1µF capacitor.
To reduce the quiescent current in low-power and nor-
mal modes, connect BOOT to OUT. After startup, when
VBOOT exceeds 2.6V, the internal bootstrap switch con-
nects CVL to BOOT. This bootstrap mechanism causes
the internal circuitry to be supplied from the output and
thereby reduces the input quiescent current by a factor
of VOUT / VIN. Do not connect BOOT to OUT if the out-
put voltage exceeds 5.5V. Instead, connect BOOT to
AGND to keep CVL regulated at 3V.
CVL has a 5mA capability to supply external logic cir-
cuitry and is disabled in shutdown mode.
Applications Information
Output Voltage Selection
Connect FB to AGND to select the internal 3.3V output
mode. Connect BOOT to OUT in this configuration.
To select an output voltage between 1.25V and VIN,
connect FB to a resistor voltage-divider between the
output and AGND (Figure 3). Select R2 in the 20k
Ω to
100k
Ω range. Calculate R1 as follows:
R1 = R2 [( VOUT / VFB) - 1]
where VFB = 1.25V.
Connect a small capacitor across R1 to compensate for
stray capacitance at the FB pin:
where: R2 = 100k
Ω, use 4.7pF.
Inductor Selection
The MAX1684/MAX1685s’ high switching frequency
allows the use of small surface-mount inductors. Table 2
shows a selection of suitable inductors for different out-
put voltage ranges. Calculate the minimum inductor by:
L = 0.9(VOUT - 0.3V) / (IRIPPLE MAX
× fOSC)
where:
IRIPPLE MAX = should be less than or equal to 400mA
fOSC = 300kHz (MAX1684) or 600kHz (MAX1685)
Capacitor Selection
Select input and output filter capacitors to service
inductor currents while minimizing voltage ripple. The
input filter capacitor reduces peak currents and noise
at the voltage source. The MAX1684/MAX1685s’ loop
gain is relatively low to enable the use of small, low-
value output filter capacitors. Higher capacitor values
provide improved output ripple and transient response.
Low-ESR capacitors are recommended. Capacitor ESR
is a major contributor to output ripple (usually more
than 60%). Avoid ordinary aluminum electrolytic capac-
itors, as they typically have high ESR. Low-ESR alu-
minum electrolytic capacitors are acceptable and
relatively inexpensive. Low-ESR tantalum capacitors
are better and provide a compact solution for space-
constrained surface-mount designs. Do not exceed the
ripple-current ratings of tantalum capacitors. Ceramic
capacitors offer the lowest ESR overall. Sanyo OS-CON
C1
5 (10
R
7
2
=
−
)
MAX1684
MAX1685
FB
VOUT
R1
C1
R2
Figure 3. Setting Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com