Electronic Components Datasheet Search
  English  ▼

X  

ERT01A Datasheet(PDF) 2 Page - ETA-USA

Part # ERT01A
Description  30 WATT AC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

ERT01A Datasheet(HTML) 2 Page - ETA-USA

  ERT01A Datasheet HTML 1Page - ETA-USA ERT01A Datasheet HTML 2Page - ETA-USA ERT01A Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ETA-USA Tel: 408-778-2793 Fax: 408-779-2753 e-mail: sales@eta-usa.com
Specifications<AC/DC>
ERT**A
30W A TTS / 3 O U TP U T S
Input V o ltage
Input R ange
Input F r equenc y
Input F r equenc y R ange
P has e
In r u s h C u r r e n t
* 1
E f f icie n cy [% ] ( typ ic a l) * 2
O u tput V o ltage [V ]
5
+ 1 2
- 12
5
+ 12
- 5
5
+ 15
- 1 5
O u tput C u r r ent [A ]
0 .5 - 3
1.2
0 .3
0.5- 3
1 .2
0.3
0 .5 - 3
0.5
0 .5
V o ltage A d ju s t R ange
R ipple and N o is e [m V p - p ]( m a x im u m ) * 3
100
170
170
100
170
100
100
200
200
R egulatio n
a.S tatis tic Line R egulation [m V ]( m ax im um )
2 5
6 0
6 0
2 5
6 0
2 5
2 5
7 5
7 5
b.S tatis tic Load R egulation [m V ]( m ax im um )
5 0
120
120
50
120
50
50
150
150
c .T e m per atur e C oef f ic ient * 4
d.D r if t[m V ]( m ax im um ) * 5
40
75
75
40
75
40
40
90
90
e.D y nam ic Load R egulation [m V ]( ty p ic al) * 6
f .R e c o v e r y T im e * 6
R is e up tim e
H o ld up tim e
3.45
-
-
3.45
-
-
3.45
-
-
5.75
-
-
5.75
-
-
5.75
-
-
R e m o te S e n s e
R e m o te O n /O f f
O per ating T e m per atur e
O per ating H u m idity
S tor age T e m per atur e
S tor age H u m idity
S hoc k
C o o lin g
? Leak age C u r r ent
? Line c onduc ted nois e
? S a f e ty
? W e ight ( ty p ic al)
? M T B F [H ]
? S w itc h ing F r equenc y [k H z ]( ty p ic al) * 7
* 7 v a r iable on input v o ltage and load c onditions
V ibr atio n
5- 10H z :10m m double am plitude,10- 55H z :19.6m /s
2 ,20m inutes ' period
f o r 60m inutes eac h a long X Y Z a x e s ( non oper ating)
294m /s
2
C onv ec tion
O u tp u t C h arac te ris tic
V 1:+ 3 % /- 0 % of R a ted O u tput V o ltage( at no load w ith in the input r ange
V 2 :f ix ed w ith to le r anc e of + /- 3 .5 % ( at no load w ith in the input r ange)
1 m A ( ma x imu m) a t 2 5 ℃ ,r ated input/output and r a ted input f r equenc y
W ith s tanding V o ltage
P r im ar y - S e c ondar y
A C 1,500V f o r 1m inute
P r im ar y - F r am e G r ound A C 1,500V f o r 1m inute
S e c ondar y - F r am e G r ound
A C 500V f o r 1m inute
Is olation R e s is tanc e
P r im a r y - S ec ondar y - F r am e G r ound
50M Ω ( m in im um ) by D C 500V
in s u la tio n te s te r
- 20 to + 8 5 ℃
85% R H ( non- c ondens ing)
not av ailable
E n v ir onm ental
5 0 ℃ [enc lo s ed ty pe:- 5 to 50 ℃ at v e r tic al m ount/- 5 to 40 ℃ at hor iz ontal
85% R H ( non- c ondens ing)
O v e r c u r r e n t P r o te c tio n
≧
115% of
R a ted O u tput C u r r ent[A ]
e nt Lim iting w ith autom atic r e c o v e r y V 2 ,V 3:by the r egulator I.C 's c har a
O v er v o ltage P r otec tion
≧
115% of
R a ted O u tput V o ltage[V ]
V 1 :Z enner diode c lam ping V 2 ,V 3:not av ailable
not av ailable
not s pec if ie d
200m S ( m a x im u m ) at 25 ℃ and r a ted input/output
20m S ( m inim u m ) at 25 ℃ and r a ted input/output
F unc tions
0.03% /℃
not s pec if ie d
47- 440H z
S ingle
30A ( m ax im um ) a t A C 100V
67
67
69
A C 100V ( D C 130V )
A C 85- 132V ( D C 110- 175V )
50/60H z
Model
E R T 01A
E R T 03A
E R T 04A
B u ilt to m eet F C C P a r t15- B C las s B
400g/enc lo s ed ty pe:490g
570,000
25
C onditions :
* 1 at c o ld s tar t
* 2 at D C 130V input and r a ted output
* 3 m eas ur ed by a bay onet pr obe at output c onnec to r at 0 to 100M H z bandw id th
* 4 a t - 5 to + 5 0 ℃ /enc lo s ed ty pe: at - 5 to + 4 0 ℃
* 5 f o r 7hour per iod af te r 1hour w a r m - up at 25 ℃ and r a ted input/output
* 6 w hen output c u r r ent c hanged f r om 25% to 75% of r a ted output c u r r ent r apidly at A C 100V input



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com