Electronic Components Datasheet Search
  English  ▼

X  

ERT03B Datasheet(PDF) 2 Page - ETA-USA

Part # ERT03B
Description  30 WATT AC-DC CONVERTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

ERT03B Datasheet(HTML) 2 Page - ETA-USA

  ERT03B Datasheet HTML 1Page - ETA-USA ERT03B Datasheet HTML 2Page - ETA-USA ERT03B Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ETA-USA Tel: 408-778-2793 Fax: 408-779-2753 e-mail: sales@eta-usa.com
S p ecif icat io n s < A C /D C >
E R T **B
3 0 W A TTS /3 OU TP U T S
Input V o lta g e
Input R a nge
Input F r e que nc y
Input F r e que nc y R a nge
Ph a s e
In r u s h C u r r e n t
* 1
E f f ic ie n c y [% ] ( ty p ic a l) * 2
O u tput V o lta g e [V ]
5
+ 1 2
- 12
5
+ 12
- 5
5
+ 15
- 1 5
O u tput C u r r e nt [A ]
0 .5 - 3
1.2
0 .3
0.5- 3
1 .2
0.3
0 .5 - 3
0.5
0 .5
V o ltag e A d ju s t R a n g e
R ipple a nd N o is e [m V p - p ]( m a x im u m ) * 3
100
170
170
100
170
100
100
200
200
R e gula tio n
a .S ta tis tic L in e R e g u la tio n [m V ]( m a x im u m )
2 56 06 02 56 02 52 57 57 5
b.S ta tis tic Lo a d R e gula tio n [m V ]( m a x im um )
5 0
120
120
50
120
50
50
150
150
c .T e m p er atu r e C oef f ic ien t *4
d.D r if t[m V ]( m a x im um ) * 5
40
75
75
40
75
40
40
90
90
e.D y n a m ic L oad R e g u latio n [m V ]( ty p ic al) *6
f .R e c o v e r y T im e * 6
R is e up tim e
H o ld up tim e
3.45
-
-
3.45
-
-
3.45
-
-
5.75
-
-
5.75
-
-
5.75
-
-
R e m o te S e n s e
R e m o te O n /O f f
O p er atin g T e m p er atu r e
O p e r a ting H u m idity
S tor ag e T e m p er atu r e
S tor ag e H u m id ity
Sh o c k
C o o lin g
? L eak ag e C u r r e n t
? Line c o nduc te d no is e
? S a f e ty
? W e ight ( ty p ic a l)
? M T B F [H ]
? S w itc h ing F r e que nc y [k H z ]( ty p ic a l) * 7
* 3 m e a s ur e d by a ba y o ne t pr o b e a t o u tput c o nne c to r a t 0 to 100M H z ba ndw id th
* 4 a t - 5 to + 5 0 ℃ /e n c lo s e d ty p e : a t - 5 to + 4 0 ℃
* 5 f o r 7ho ur pe r io d a f te r 1ho ur w a r m - up a t 25 ℃ a nd r a te d input/o utput
* 6 w h e n o u tput c u r r e nt c h a nge d f r o m 25% to 75% o f r a te d o u tput c u r r e nt r a pidly a t A C 100V input
30
C o nditio n s :
* 1 a t co ld sta r t
* 2 a t D C 260V input a nd r a te d o u tput
M ode l
E R T 01B
E R T 03B
E R T 04B
A C 200V ( D C 260V )
A C 170- 264V ( D C 220- 350V )
50/60H z
0.03% /℃
n o t s p e c if ie d
47- 440H z
S ingle
30A ( m a x im um ) a t A C 200V
71
70
68
no t a v a ila ble
n o t s p e c if ie d
200m S ( m a x im u m ) a t 25 ℃ a nd r a te d input/o utput
20m S ( m inim u m ) a t 25 ℃ a nd r a te d input/o utput
F unc tio n s
O v e r c u r r e n t P r o te c tio n
≧
115% o f R a te d O u tput
C u r r e n t[A ]
V 1 :C u r r e n t L im itin g w ith a u to m a tic r e c o v e r y V 2 ,V 3 :b y th e r e g u la to r I.C 's c h a r a c te r is tic s
O v e r v o lta g e P r o te c tio n
≧
115% o f R a te d O u tput
V o lta g e [V ]
V 1 :Z e nne r dio d e c la m ping V 2 ,V 3:no t a v a ila ble
no t a v a ila ble
En v ir o n m e n ta l
- 5 to + 5 0 ℃ [e nc lo s e d ty pe :- 5 to 50 ℃ a t v e r tic a l m o u n t/- 5 to 4 0 ℃ a t ho r iz o nta l m o unt]
85% R H ( no n- c o nde ns ing)
Is o la tio n R e s is ta n c e
P r im a r y - S e c o nda r y - F r a m e G r o und
50M Ω ( m in im um ) by D C 500V in s u la tio n te s te r
- 20 to + 8 5 ℃
85% R H ( no n- c o nde ns ing)
W ith s ta nding V o lta g e
P r im a r y - S e c o nda r y
A C 2,500V f o r 1m inute
P r im a r y - F r a m e G r o und A C 2,500V f o r 1m inute
S e c o nda r y - F r a m e G r o und
A C 500V f o r 1m inute
O u t p u t C h ar act er is t ic
V 1 :+ 3% /- 0% o f R a te d O u tput V o lta g e ( a t no lo a d w ith in th e input r a nge )
V 2 :f ix e d w ith to le r a nc e o f + /- 3 .5 % ( a t no lo a d w ith in th e input r a nge )
* 7 v a r ia b le o n input v o lta g e a nd lo a d c o nditio n s
Vib r a tio n
5- 10H z :10m m do uble a m plitude ,10- 55H z :19.6m /s 2 ,20m inute s ' pe r io d f o r 60m inute s e a c h
alon g X ,Y ,Z ax es ( n on - o p e r a tin g )
294m /s 2
C o n v ec tion
1 m A ( ma x imu m) a t 2 5 ℃ ,r a te d input/o utput a nd r a te d input f r e que nc y
Bu ilt to m e e t F C C Pa r t1 5 - B C la s s B
400g/e n c lo s e d ty pe :490g
600,000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com